Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTCH102-E/ML Datasheet(PDF) 31 Page - Microchip Technology

Part # MTCH102-E/ML
Description  2, 5 and 8-Channel Proximity/Touch Controller Data Sheet
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTCH102-E/ML Datasheet(HTML) 31 Page - Microchip Technology

Back Button MTCH102-E/ML Datasheet HTML 27Page - Microchip Technology MTCH102-E/ML Datasheet HTML 28Page - Microchip Technology MTCH102-E/ML Datasheet HTML 29Page - Microchip Technology MTCH102-E/ML Datasheet HTML 30Page - Microchip Technology MTCH102-E/ML Datasheet HTML 31Page - Microchip Technology MTCH102-E/ML Datasheet HTML 32Page - Microchip Technology MTCH102-E/ML Datasheet HTML 33Page - Microchip Technology MTCH102-E/ML Datasheet HTML 34Page - Microchip Technology MTCH102-E/ML Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
 2015-2016 Microchip Technology Inc.
Preliminary
DS40001793C-page 31
MTCH102/5/8
Microchip Technology Drawing C04-255A Sheet 2 of 2
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Number of Terminals
Overall Height
Terminal Width
Overall Width
Overall Length
Terminal Length
Exposed Pad Width
Exposed Pad Length
Terminal Thickness
Pitch
Standoff
Units
Dimension Limits
A1
A
b
D
E2
D2
A3
e
L
E
N
0.50 BSC
0.127 REF
2.60
2.60
0.30
0.20
0.45
0.00
0.25
4.00 BSC
0.40
2.70
2.70
0.50
0.02
4.00 BSC
MILLIMETERS
MIN
NOM
20
2.80
2.80
0.50
0.30
0.55
0.05
MAX
K-
0.20
-
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
1.
2.
3.
Notes:
Pin 1 visual index feature may vary, but must be located within the hatched area.
Package is saw singulated
Dimensioning and tolerancing per ASME Y14.5M
Terminal-to-Exposed-Pad
20-Lead Ultra Thin Plastic Quad Flat, No Lead Package (GZ) - 4x4x0.5 mm Body [UQFN]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com