Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTCH102-E/ML Datasheet(PDF) 11 Page - Microchip Technology

Part # MTCH102-E/ML
Description  2, 5 and 8-Channel Proximity/Touch Controller Data Sheet
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTCH102-E/ML Datasheet(HTML) 11 Page - Microchip Technology

Back Button MTCH102-E/ML Datasheet HTML 7Page - Microchip Technology MTCH102-E/ML Datasheet HTML 8Page - Microchip Technology MTCH102-E/ML Datasheet HTML 9Page - Microchip Technology MTCH102-E/ML Datasheet HTML 10Page - Microchip Technology MTCH102-E/ML Datasheet HTML 11Page - Microchip Technology MTCH102-E/ML Datasheet HTML 12Page - Microchip Technology MTCH102-E/ML Datasheet HTML 13Page - Microchip Technology MTCH102-E/ML Datasheet HTML 14Page - Microchip Technology MTCH102-E/ML Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
 2015-2016 Microchip Technology Inc.
Preliminary
DS40001793C-page 11
MTCH102/5/8
5.0
ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings(†)
Ambient temperature under bias....................................................................................................... -40°C to +125°C
Storage temperature ........................................................................................................................ -65°C to +150°C
Voltage on pins with respect to VSS
on VDD pin ................................................................................................................................ -0.3V to +4.0V
on all other pins ............................................................................................................. -0.3V to (VDD + 0.3V)
Total power dissipation(1) ............................................................................................................................... 800 mW
Maximum current
out of VSS pin
-40°C
 TA  +85°C for industrial.......................................................................................................... 85 mA
into VDD pin
-40°C
 TA  +85°C for industrial .......................................................................................................... 80 mA
Clamp current, IK (VPIN < 0 or VPIN > VDD)
20 mA
Maximum output current
sunk by any I/O pin................................................................................................................................ 25 mA
sourced by any I/O pin........................................................................................................................... 25 mA
Note 1:
Power dissipation is calculated as follows: PDIS = VDD x {IDD –
 IOH} +  {(VDD – VOH) x IOH} + (VOl x IOL).
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operation listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
5.1
DC Characteristics: MTCH102/5/8
MTCH102/5/8
Standard Operating Conditions (unless otherwise
stated)
Operating temperature -40°C ≤ TA ≥ +85°C for industrial
Param.
No.
Sym.
Characteristic
Min.
Typ.† Max. Units
Conditions
D001
VDD
Supply Voltage
2.05
—
3.6
V
D002*
VDR
RAM Data Retention Voltage (1)
1.5
—
—
V
Device in Sleep mode
VPOR*
Power-on Reset Release Volt-
age
—1.6
—
V
VPORR*
Power-on Reset Rearm Voltage
—
0.8
—
V
Device in Sleep mode
D004*
SVDD
VDD Rise Rate
to ensure internal
Power-on Reset signal
0.05
—
—
V/ms
*
These parameters are characterized but not tested.
† Data in “Typ.” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1:
This is the limit to which VDD can be lowered in Sleep mode without losing RAM data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com