Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAP1114 Datasheet(PDF) 49 Page - Microchip Technology

Part # CAP1114
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1114 Datasheet(HTML) 49 Page - Microchip Technology

Back Button CAP1114 Datasheet HTML 45Page - Microchip Technology CAP1114 Datasheet HTML 46Page - Microchip Technology CAP1114 Datasheet HTML 47Page - Microchip Technology CAP1114 Datasheet HTML 48Page - Microchip Technology CAP1114 Datasheet HTML 49Page - Microchip Technology CAP1114 Datasheet HTML 50Page - Microchip Technology CAP1114 Datasheet HTML 51Page - Microchip Technology CAP1114 Datasheet HTML 52Page - Microchip Technology CAP1114 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 102 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
SMSC CAP1114
49
Revision 1.1 (02-04-11)
DATASHEET
The Queue Control Register determines the number of consecutive samples for which a single sensor
output is above the Sensor Threshold before a touch is detected. This is also used to determine the
number of consecutive samples used to detect a button release. The queue applies independently to
all channels.
Bits 2 - 0 - QUEUE_B[2:0] - The number of consecutive samples necessary to detect a touch. Default
is 3 consecutive samples. See Table 6.15.
6.13
Data Sensitivity Registers
The Data Sensitivity Register controls the sensitivity of all button channels.
Bits 6- 4 DELTA_SENSE[2:0] - Controls the sensitivity of a touch detection. The sensitivity settings act
to scale the relative delta count value higher or lower based on the system parameters. A setting of
000b is the most sensitive while a setting of 111b is the least sensitive (see Table 6.17). At the more
sensitive settings, touches are detected for a smaller delta C corresponding to a “lighter” touch. These
settings are more sensitive to noise and a noisy environment may flag more false touches than higher
sensitivity levels.
APPLICATION NOTE: A value of 128x is the most sensitive setting available. At the most sensitive settings, the
MSB of the Delta Count register represents 64 out of ~25,000 which corresponds to a touch
of approximately 0.25% of the base capacitance (or a
ΔC of 25fF from a 10pF base
capacitance). Conversely, a value of 1x is the least sensitive setting available. At these
settings, the MSB of the Delta Count register corresponds to a delta count of 8192 counts
out of ~25,000 which corresponds to a touch of approximately 33% of the base capacitance
(or a
ΔC of 3.33pF from a 10pF base capacitance).
Table 6.15 QUEUE_B Bit Decode
QUEUE_B[2:0]
NUMBER OF CONSECUTIVE
READINGS > THRESHOLD
21
0
00
0
1
00
1
1
01
0
2
0
1
1
3 (default)
10
0
4
10
1
5
11
0
6
11
1
7
Table 6.16 Data Sensitivity Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
1Fh
R/W
Data Sensitivity
-
DELTA_SENSE[2:0]
BASE_SHIFT[3:0]
2Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com