Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAP1114 Datasheet(PDF) 13 Page - Microchip Technology

Part # CAP1114
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1114 Datasheet(HTML) 13 Page - Microchip Technology

Back Button CAP1114 Datasheet HTML 9Page - Microchip Technology CAP1114 Datasheet HTML 10Page - Microchip Technology CAP1114 Datasheet HTML 11Page - Microchip Technology CAP1114 Datasheet HTML 12Page - Microchip Technology CAP1114 Datasheet HTML 13Page - Microchip Technology CAP1114 Datasheet HTML 14Page - Microchip Technology CAP1114 Datasheet HTML 15Page - Microchip Technology CAP1114 Datasheet HTML 16Page - Microchip Technology CAP1114 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 102 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
SMSC CAP1114
13
Revision 1.1 (02-04-11)
DATASHEET
8
VDD
Positive Power supply
Power
9
LED1 / GPIO1
LED1 - Open drain LED driver (default)
OD (5V)
GPI1 - GPIO 1 Input
DI (5V)
GPO1 - GPIO 1 push-pull output
DO
10
LED2 / GPIO 2
LED2 - Open drain LED driver (default)
OD (5V)
GPI2 - GPIO 2 Input
DI (5V)
GPO2 - GPIO 2 push-pull output
DO
11
LED3 / GPIO3
LED3 - Open drain LED driver (default)
OD (5V)
GPI3 - GPIO 3 Input
DI (5V)
GPO3 - GPIO 3 push-pull output
DO
12
LED4 / GPIO4
LED4 - Open drain LED driver (default)
OD (5V)
GPI4 - GPIO 4 Input
DI (5V)
GPO4 - GPIO 4 push-pull output
DO
13
LED5 / GPIO5
LED5 - Open drain LED driver (default)
OD (5V)
GPI5 - GPIO 5 Input
DI (5V)
GPO5 - GPIO 5 push-pull output
DO
14
LED6 / GPIO6
LED6 - Open drain LED driver (default)
OD (5V)
GPI6 - GPIO 6 Input
DI (5V)
GPO6 - GPIO 6 push-pull output
DO
15
LED7 / GPIO7
LED7 - Open drain LED driver (default)
OD (5V)
GPI7 - GPIO 7 Input
DI (5V)
GPO7 - GPIO 7 push-pull output
DO
16
LED8 / GPIO8
LED8 - Open drain LED driver (default)
OD (5V)
GPI8 - GPIO 8 Input
DI (5V)
GPO8 - GPIO 8 push-pull output
DO
17
LED9
LED9 - Open drain LED driver
OD (5V)
18
LED10
LED10 - Open drain LED driver
OD (5V)
19
LED11
LED11 - Open drain LED driver
OD (5V)
20
ALERT
Active High Interrupt / Wake Up Input
DIO
21
SMDATA
Bi-directional SMBus data - requires a pull-up
resistor
DIOD (5V)
22
SMCLK
SMBus clock input - requires a pull-up resistor
DI (5V)
23
RESET
Soft reset for system - resets all registers to
default values
DI (5V)
Table 2.1 Pin Description for CAP1114 (continued)
PIN NUMBER
PIN NAME
PIN FUNCTION
PIN TYPE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com