Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XP-L Datasheet(PDF) 5 Page - Cree, Inc

Part # XP-L
Description  Cree XLamp XP-L LEDs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-L Datasheet(HTML) 5 Page - Cree, Inc

  XP-L Datasheet HTML 1Page - Cree, Inc XP-L Datasheet HTML 2Page - Cree, Inc XP-L Datasheet HTML 3Page - Cree, Inc XP-L Datasheet HTML 4Page - Cree, Inc XP-L Datasheet HTML 5Page - Cree, Inc XP-L Datasheet HTML 6Page - Cree, Inc XP-L Datasheet HTML 7Page - Cree, Inc XP-L Datasheet HTML 8Page - Cree, Inc XP-L Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a
tolerance of ±2 on CRI measurements. See the Measurements section (page 29).
Cree XLamp XP-L LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than
the minimum specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions
specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
Copyright © 2014-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo and SC5
Technology™ are trademarks of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
5
XLamp® Xp-L LED
Chromaticity
Minimum Luminous Flux (lm)
@ 1050 mA
order Codes
Kit
CCt
Code
Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C*
70 CrI Minimum
75 CrI typical
80 CrI Minimum
F6
3700 K
v4
440
491
XPLAWT-00-0000-000HV40F6
v3
420
468
XPLAWT-00-0000-000LV30F6
XPLAWT-00-0000-000HV30F6
v2
400
446
XPLAWT-00-0000-000LV20F6
XPLAWT-00-0000-000HV20F6
U6
380
424
XPLAWT-00-0000-000LU60F6
XPLAWT-00-0000-000HU60F6
U5
360
401
XPLAWT-00-0000-000LU50F6
XPLAWT-00-0000-000HU50F6
Chromaticity
Minimum Luminous
Flux (lm) @ 1050 mA
order Codes
Kit
CCt
Code
Flux
(lm) @
85 °C
Flux
(lm) @
25 °C*
80 CrI typical
80 CrI Minimum
85 CrI Minimum
90 CrI Minimum
e6
3500 K
v3
420
468
XPLAWT-00-0000-
000Lv30e6
XPLAWT-00-0000-
000Hv30e6
v2
400
446
XPLAWT-00-0000-
000Lv20e6
XPLAWT-00-0000-
000Hv20e6
U6
380
424
XPLAWT-00-0000-
000LU60e6
XPLAWT-00-0000-
000HU60e6
U5
360
401
XPLAWT-00-0000-
000LU50e6
XPLAWT-00-0000-
000HU50e6
Z6
3500 K
v2
400
446
XPLAWT-00-0000-
000Lv20Z6
XPLAWT-00-0000-
000Hv20Z6
U6
380
424
XPLAWT-00-0000-
000LU60Z6
XPLAWT-00-0000-
000HU60Z6
U5
360
401
XPLAWT-00-0000-
000LU50Z6
XPLAWT-00-0000-
000HU50Z6
F7
3250 K
v2
400
446
XPLAWT-00-0000-
000Lv20F7
XPLAWT-00-0000-
000Hv20F7
U6
380
424
XPLAWT-00-0000-
000LU60F7
XPLAWT-00-0000-
000HU60F7
U5
360
401
XPLAWT-00-0000-
000LU50F7
XPLAWT-00-0000-
000HU50F7
U4
340
379
XPLAWT-00-0000-
000LU40F7
XPLAWT-00-0000-
000HU40F7
FLuX CHArACtErIstICs - XP-L HIgH DEnsIty (t
J = 85 °C) - Continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com