Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XP-L Datasheet(PDF) 7 Page - Cree, Inc

Part # XP-L
Description  Cree XLamp XP-L LEDs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-L Datasheet(HTML) 7 Page - Cree, Inc

Back Button XP-L Datasheet HTML 3Page - Cree, Inc XP-L Datasheet HTML 4Page - Cree, Inc XP-L Datasheet HTML 5Page - Cree, Inc XP-L Datasheet HTML 6Page - Cree, Inc XP-L Datasheet HTML 7Page - Cree, Inc XP-L Datasheet HTML 8Page - Cree, Inc XP-L Datasheet HTML 9Page - Cree, Inc XP-L Datasheet HTML 10Page - Cree, Inc XP-L Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a
tolerance of ±2 on CRI measurements. See the Measurements section (page 29).
Cree XLamp XP-L LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than
the minimum specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions
specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
Copyright © 2014-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo and SC5
Technology™ are trademarks of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
7
XLamp® Xp-L LED
Chromaticity
Minimum Luminous
Flux (lm) @ 1050 mA
order Codes
Kit
CCt
Code
Flux
(lm) @
85 °C
Flux
(lm) @
25 °C*
80 CrI typical
80 CrI Minimum
85 CrI Minimum
90 CrI Minimum
e8
2700 K
v2
400
446
XPLAWT-00-0000-
000Lv20e8
U6
380
424
XPLAWT-00-0000-
000LU60e8
XPLAWT-00-0000-
000HU60e8
U5
360
401
XPLAWT-00-0000-
000LU50e8
XPLAWT-00-0000-
000HU50e8
U4
340
379
XPLAWT-00-0000-
000LU40e8
XPLAWT-00-0000-
000HU40e8
U3
320
357
XPLAWT-00-0000-
000PU30e8
XPLAWT-00-0000-
000UU30e8
U2
300
334
XPLAWT-00-0000-
000PU20e8
XPLAWT-00-0000-
000UU20e8
T6
280
312
XPLAWT-00-0000-
000PT60e8
XPLAWT-00-0000-
000UT60e8
T5
260
290
XPLAWT-00-0000-
000PT50e8
XPLAWT-00-0000-
000UT50e8
Z8
2700 K
U6
380
424
XPLAWT-00-0000-
000LU60Z8
U5
360
401
XPLAWT-00-0000-
000LU50Z8
XPLAWT-00-0000-
000HU50Z8
U4
340
379
XPLAWT-00-0000-
000LU40Z8
XPLAWT-00-0000-
000HU40Z8
U3
320
357
U2
300
334
XPLAWT-00-0000-
000PU20Z8
XPLAWT-00-0000-
000UU20Z8
T6
280
312
XPLAWT-00-0000-
000PT60Z8
XPLAWT-00-0000-
000UT60Z8
T5
260
290
XPLAWT-00-0000-
000PT50Z8
XPLAWT-00-0000-
000UT50Z8
FLuX CHArACtErIstICs - XP-L HIgH DEnsIty (t
J = 85 °C) - Continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com