Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF13 Datasheet(PDF) 1 Page - Hirose Electric

Part # TF13
Description  0.4mm PITCH Back-Flip Type
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

TF13 Datasheet(HTML) 1 Page - Hirose Electric

  TF13 Datasheet HTML 1Page - Hirose Electric TF13 Datasheet HTML 2Page - Hirose Electric TF13 Datasheet HTML 3Page - Hirose Electric TF13 Datasheet HTML 4Page - Hirose Electric TF13 Datasheet HTML 5Page - Hirose Electric TF13 Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Revision#1
IC 기술팀
목
목
목
목 차
차
차
차
1. 제품 특징 ------------------------------------------page 2
2. 제품 규격 및 구성 -----------------------------page 3
3. 제품 상세 내용 ----------------------------------page 4~5
5.Reflow profile (Lead-free)---------------------------page 6
TF13-Series
Hirose Korea FPC To Board Connector
1
TF13-SERIES
관련 page
No.
제 품 명
4~5
0.4 Pitch , 0.9mm 높이
4,6,9,10,13
Pin 수
사양
HIROSE KOREA
Page1
2007 / Janury


Similar Part No. - TF13

ManufacturerPart #DatasheetDescription
logo
Greenlee Communications
TF130 GREENLEE-TF130 Datasheet
3Mb / 50P
WIRE & CABLE TERMINATION
logo
Shenzhen Tuofeng Semico...
TF130N04S TUOFENG-TF130N04S Datasheet
3Mb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Feb 2021V1.0
logo
TDK Electronics
TF1320S TDK-TF1320S Datasheet
760Kb / 27P
Common Mode Choke Coils Line Filters for AC Power Supply Toroidal Core Type
TF1320S-102Y3R0-01 TDK-TF1320S-102Y3R0-01 Datasheet
760Kb / 27P
Common Mode Choke Coils Line Filters for AC Power Supply Toroidal Core Type
TF1320S-222Y2R0-01 TDK-TF1320S-222Y2R0-01 Datasheet
760Kb / 27P
Common Mode Choke Coils Line Filters for AC Power Supply Toroidal Core Type
More results

Similar Description - TF13

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
TF11 HIROSE-TF11 Datasheet
465Kb / 6P
0.4mm Pitch, 0.65mm Height, Back-Flip Type, 1Row, Bottom Contact, FPC To Board CONNECTOR
TF12 HIROSE-TF12 Datasheet
255Kb / 7P
0.5mm PITCH Back-Flip Type
logo
Japan Aviation Electron...
WP6 JAE-WP6 Datasheet
883Kb / 8P
0.4mm Pitch, Stacking Type Board-to-Board Connector
logo
Molex Electronics Ltd.
5047542160 MOLEX1-5047542160 Datasheet
43Kb / 2P
0.30mm Pitch Easy-On Back Flip FPC Connector, High-Temperature Type
5047542560 MOLEX1-5047542560 Datasheet
43Kb / 2P
0.30mm Pitch Easy-On Back Flip FPC Connector, High-Temperature Type
5047544160 MOLEX1-5047544160 Datasheet
43Kb / 2P
0.30mm Pitch Easy-On Back Flip FPC Connector, High-Temperature Type
5047546160 MOLEX1-5047546160 Datasheet
43Kb / 2P
0.30mm Pitch Easy-On Back Flip FPC Connector, High-Temperature Type, LA75
logo
I-PEX Inc.
20374-R30E-31 I-PEX-20374-R30E-31 Datasheet
228Kb / 2P
0.4mm Pitch Right Angle Stacking Type
2016/06R11
logo
Molex Electronics Ltd.
5047540000 MOLEX-5047540000 Datasheet
676Kb / 17P
0.3 mm PITCH FPC CONN. BACK FLIP (RIGHT ANGLE TYPE) LOW-HALOGEN
Rev. A
PS-504754-002 MOLEX-PS-504754-002 Datasheet
908Kb / 17P
0.3mm PITCH FPC CONN. BACK FLIP (RIGHT ANGLE TYPE) LOW-HALOGEN
Rev. J
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com