Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB8040PFP Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8040PFP
Description  USB 3.0 Four Port Hub
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8040PFP Datasheet(HTML) 22 Page - Texas Instruments

Back Button TUSB8040PFP Datasheet HTML 18Page - Texas Instruments TUSB8040PFP Datasheet HTML 19Page - Texas Instruments TUSB8040PFP Datasheet HTML 20Page - Texas Instruments TUSB8040PFP Datasheet HTML 21Page - Texas Instruments TUSB8040PFP Datasheet HTML 22Page - Texas Instruments TUSB8040PFP Datasheet HTML 23Page - Texas Instruments TUSB8040PFP Datasheet HTML 24Page - Texas Instruments TUSB8040PFP Datasheet HTML 25Page - Texas Instruments TUSB8040PFP Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
Not Recommended for New Designs
TUSB8040
SLLSE42I – SEPTEMBER 2010 – REVISED SEPTEMBER 2013
www.ti.com
5
POWER UP AND RESET
The TUSB8040 does not have specific power sequencing requirements with respect to the core power
(VDD11) or I/O and analog power (VDD33). The core power (VDD11) or I/O power (VDD33) may be
powered up for an indefinite period of time while the other is not powered up if all of these constraints are
met:
•
All maximum ratings and recommended operating conditions are observed.
•
All warnings about exposure to maximum rated and recommended conditions are observed,
particularly junction temperature. These apply to power transitions as well as normal operation.
•
Bus contention while VDD33 is powered up must be limited to 100 hours over the projected life-time of
the device.
•
Bus contention while VDD33 is powered down may violate the absolute maximum ratings.
A supply bus is powered up when the voltage is within the recommended operating range. It is powered
down when it is below that range, either stable or in transition.
A minimum reset duration of 3 ms is required. This is defined as the time when the power supplies are in
the recommended operating range to the de-assertion of GRSTz. This can be generated using
programmable-delay supervisory device or using an RC circuit.
22
POWER UP AND RESET
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TUSB8040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com