Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB8040PFP Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8040PFP
Description  USB 3.0 Four Port Hub
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8040PFP Datasheet(HTML) 12 Page - Texas Instruments

Back Button TUSB8040PFP Datasheet HTML 8Page - Texas Instruments TUSB8040PFP Datasheet HTML 9Page - Texas Instruments TUSB8040PFP Datasheet HTML 10Page - Texas Instruments TUSB8040PFP Datasheet HTML 11Page - Texas Instruments TUSB8040PFP Datasheet HTML 12Page - Texas Instruments TUSB8040PFP Datasheet HTML 13Page - Texas Instruments TUSB8040PFP Datasheet HTML 14Page - Texas Instruments TUSB8040PFP Datasheet HTML 15Page - Texas Instruments TUSB8040PFP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
Not Recommended for New Designs
TUSB8040
SLLSE42I – SEPTEMBER 2010 – REVISED SEPTEMBER 2013
www.ti.com
Table 2-5. Test and Miscellaneous Signals (continued)
SIGNAL NAME
TYPE
PIN NO.
DESCRIPTION
Full power management enable/SMBus address bit 1.
The value of the terminal is sampled at the de-assertion of reset to set the power switch
control follows:
0 = Full power management supported
FULLPWRMGMTz_S
1 = Full Power management not supported
I, PU
41
MBA1
Full power management is the ability to control power to the downstream ports of the
TUSB8040 using the PWRON0z_BATEN0 terminal. When SMBus mode is enabled using
SMBUSz, this terminal sets the value of the SMBus slave address bit 1. SMBus slave
address bits 2 and 3 are always 1 for the TUSB8040.
Can be left unconnected if full power management and SMBus are not implemented.
2.6
Power Signals
Table 2-6. Power Signals
SIGNAL NAME
TYPE
PIN NO.
DESCRIPTION
4, 19, 21,
38, 43, 58
VDD33
P
3.3-V power rail
68, 72, 77,
80
1, 5, 10,
11, 16, 20,
26, 32, 37,
VDD11
P
1.1-V power rail
42, 46, 51,
52, 57, 61,
67, 71
GND
G
64, 81
Ground, Power Pad
12
PIN DESCRIPTIONS
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TUSB8040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com