Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TVP7002PZP Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # TVP7002PZP
Description  TRIPLE 8-/10-BIT 165-/110-MSPS VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TVP7002PZP Datasheet(HTML) 35 Page - Texas Instruments

Back Button TVP7002PZP Datasheet HTML 31Page - Texas Instruments TVP7002PZP Datasheet HTML 32Page - Texas Instruments TVP7002PZP Datasheet HTML 33Page - Texas Instruments TVP7002PZP Datasheet HTML 34Page - Texas Instruments TVP7002PZP Datasheet HTML 35Page - Texas Instruments TVP7002PZP Datasheet HTML 36Page - Texas Instruments TVP7002PZP Datasheet HTML 37Page - Texas Instruments TVP7002PZP Datasheet HTML 38Page - Texas Instruments TVP7002PZP Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 58 page
background image
TVP7002
www.ti.com
SLES206C – MAY 2007 – REVISED APRIL 2013
MISC Control 2
Subaddress
17h
Default (03h)
7
6
5
4
3
2
1
0
Reserved
Test output control [2:0]
Reserved
SOG En
Output En
Test output control [2:0]: Selects which signal is output on pin 22. Output polarity control is also provided using bit 2 of subaddress 18h.
000 = Field ID output (default)
001 = Data Enable output
010 = Reserved
011 = Reserved
100 = Internal clock reference output (~6.5 MHz typical)
101 = Coast output
110 = Clamp pulse output
111 = High-impedance mode
SOG En: Active-low output enable for SOGOUT output.
0 = SOG output enabled
1 = SOG output placed in high-impedance mode (default)
Output En: Active-low output enable for RGB, DATACLK, HSOUT, VSOUT, and FIDOUT outputs. This control bit allows selecting a high-
impedance output mode for multiplexing the output of the TVP7002 with another device.
0 = Outputs enabled
1 = Outputs placed in high-impedance mode (default)
NOTE: Data Enable output is equivalent to the internal active video signal that is controlled by the AVID start/stop pixel
values and the VBLK offset/duration line values.
MISC Control 3
Subaddress
18h
Default (00h)
7
6
5
4
3
2
1
0
Reserved
Reserved
Blank En
CSC En
Reserved
FID POL
SOG POL
CLK POL
Reserved [7]:
0 = Required (default)
Blank En: Active-high blank level enable. Forces the video blank level to a standard value when using embedded syncs.
0 = Normal operation (default)
1 = Force standard blank levels
CSC En: Active-high CSC enable. When disabled, the CSC block is bypassed.
0 = CSC disabled (default)
1 = CSC enabled
FID POL: Active-high Field ID output polarity control. Under normal operation, the field ID output is set to logic 1 for an odd field (field 1)
and set to logic 0 for an even field (field 0).
0 = Normal operation (default)
1 = FID output polarity inverted
NOTE: This control bit also affects the polarity of the data enable output when selected (see Test output control [2:0] at
subaddress 17h).
SOG POL: Active-high SOG output polarity control
0 = Normal operation (default)
1 = SOG output polarity inverted
CLK POL: Allows selecting the polarity of the output data clock.
0 = Data is clocked out on rising edge of DATACLK (default)
1 = Data is clocked out on falling edge of DATACLK
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: TVP7002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com