Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TVP7002PZP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TVP7002PZP
Description  TRIPLE 8-/10-BIT 165-/110-MSPS VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TVP7002PZP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TVP7002PZP Datasheet HTML 5Page - Texas Instruments TVP7002PZP Datasheet HTML 6Page - Texas Instruments TVP7002PZP Datasheet HTML 7Page - Texas Instruments TVP7002PZP Datasheet HTML 8Page - Texas Instruments TVP7002PZP Datasheet HTML 9Page - Texas Instruments TVP7002PZP Datasheet HTML 10Page - Texas Instruments TVP7002PZP Datasheet HTML 11Page - Texas Instruments TVP7002PZP Datasheet HTML 12Page - Texas Instruments TVP7002PZP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
DATACLK
t1
t2
t3
Valid Data
R, G, B, HSOUT
Valid Data
V
OH
V
OL
CLK POL = 0
CLK POL = 1
TVP7002
www.ti.com
SLES206C – MAY 2007 – REVISED APRIL 2013
Timing Requirements
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
Clocks, Video Data, Sync Timing
Positive duty cycle, DATACLK (CLK POL = 0)
48
50
52
%
Positive duty cycle, DATACLK (CLK POL = 1)
41
43
45
%
t1
DATACLK rise time
10% to 90%
1
ns
t2
DATACLK fall time
90% to 10%
1
ns
t3 (RGB data)
RGB output delay time
0
1.5
ns
(1)
Measured at 162 MHz with 22-
Ω series termination resistor and 10-pF load. Specified by characterization only. Data is clocked out on
the rising edge of DATACLK with Reg 18h CLK POL=0 and is clocked out on the falling edge of DATACLK with CLK POL=1.
Figure 1. Clock, Video Data, and HSOUT Timing
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TVP7002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com