Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5608 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5608
Description  8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5608 Datasheet(HTML) 2 Page - Texas Instruments

  TLV5608 Datasheet HTML 1Page - Texas Instruments TLV5608 Datasheet HTML 2Page - Texas Instruments TLV5608 Datasheet HTML 3Page - Texas Instruments TLV5608 Datasheet HTML 4Page - Texas Instruments TLV5608 Datasheet HTML 5Page - Texas Instruments TLV5608 Datasheet HTML 6Page - Texas Instruments TLV5608 Datasheet HTML 7Page - Texas Instruments TLV5608 Datasheet HTML 8Page - Texas Instruments TLV5608 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
www.ti.com
OUTA
12/10/8
12/10/8
Serial
Interface
12
8
REF
SCLK
DIN
FS
MODE
DOUT
DAC B, C, D, E, F, G and H
Same as DAC A
OUT
PRE
LDAC
X2
B, C, D,
E, F, G
and H
DAC A
Holding
Latch
DAC A
Latch
12/10/8
TLV5608
TLV5610
TLV5629
SLAS268E – MAY 2000 – REVISED MARCH 2004
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
FUNCTIONAL BLOCK DIAGRAM
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
AGND
10
I
Analog ground
AVDD
11
I
Analog power supply
DGND
1
I
Digital ground
DIN
2
I
Digital serial data input
DOUT
19
O
Digital serial data output
DVDD
20
I
Digital power supply
FS
4
I
Frame sync input
Load DAC. The DAC outputs are only updated, if this signal is low. It is an
LDAC
18
I
asynchronous input.
MODE
17
I
DSP/µC mode pin. High = µC mode, NC = DSP mode.
PRE
5
I
Preset input
REF
16
I
Voltage reference input
SCLK
3
I
Serial clock input
OUTA-OUTH
6-9, 12-15
O
DAC outputs A, B, C, D, E, F, G and H
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com