Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5608 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5608
Description  8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5608 Datasheet(HTML) 3 Page - Texas Instruments

  TLV5608 Datasheet HTML 1Page - Texas Instruments TLV5608 Datasheet HTML 2Page - Texas Instruments TLV5608 Datasheet HTML 3Page - Texas Instruments TLV5608 Datasheet HTML 4Page - Texas Instruments TLV5608 Datasheet HTML 5Page - Texas Instruments TLV5608 Datasheet HTML 6Page - Texas Instruments TLV5608 Datasheet HTML 7Page - Texas Instruments TLV5608 Datasheet HTML 8Page - Texas Instruments TLV5608 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
TLV5608
TLV5610
TLV5629
SLAS268E – MAY 2000 – REVISED MARCH 2004
over operating free-air temperature range (unless otherwise noted)(1)
UNIT
Supply voltage (AVDD, DVDD to GND)
7 V
Reference input voltage
- 0.3 V to AVDD + 0.3 V
Digital input voltage range
- 0.3 V to DVDD + 0.3 V
Operating free-air temperature range, TA
-40
°C to 85°C
Storage temperature range, Tstg
-65
°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
MIN
NOM
MAX
UNIT
Supply voltage, AVDD, DVDD
5-V operation
4.5
5
5.5
V
3-V operation
2.7
3
3.3
V
DVDD = 2.7 V
2
High-level digital input voltage, VIH
V
DVDD = 5.5 V
2.4
DVDD = 2.7 V
0.6
Low-level digital input voltage, VIL
V
DVDD = 5.5 V
1
Reference voltage, Vref
AVDD = 5 V
GND
4.096
AVDD
V
AVDD = 3 V
GND
2.048
AVDD
V
Load resistance, RL
2
k
Ω
Load capacitance, CL
100
pF
Clock frequency, fCLK
30
MHz
Operating free-air temperature, TA
-40
85
°C
over recommended operating free-air temperature range, supply voltages, and reference voltages (unless otherwise noted)
POWER SUPPLY
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Fast
16
21
No load, Vref = 4.096 V,
IDD
Power supply current
mA
All inputs = DVDD or GND
Slow
6
8
Power down supply current
0.1
µA
POR
Power on threshold
2
V
PSRR
Power supply rejection ratio
Full scale (1)
-60
dB
(1)
Power supply rejection ratio at full scale is measured by varying AVDD and is given by:
PSRR = 20 log [(EG(AVDDmax) - EG(AVDDmin))/VDDmax]
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com