Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN42U Datasheet(PDF) 23 Page - Microchip Technology

Part # RN42U
Description  Class 2 Bluetooth짰 Module with EDR Support
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN42U Datasheet(HTML) 23 Page - Microchip Technology

Back Button RN42U Datasheet HTML 18Page - Microchip Technology RN42U Datasheet HTML 19Page - Microchip Technology RN42U Datasheet HTML 20Page - Microchip Technology RN42U Datasheet HTML 21Page - Microchip Technology RN42U Datasheet HTML 22Page - Microchip Technology RN42U Datasheet HTML 23Page - Microchip Technology RN42U Datasheet HTML 24Page - Microchip Technology RN42U Datasheet HTML 25Page - Microchip Technology RN42U Datasheet HTML 26Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
 2015 Microchip Technology Inc.
DS50002328A-page 23
RN42/RN42N
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
RN42 :
UART, Integral Antenna
RN42N :
UART, External Antenna
RN42HCI:
UART, HCI firmware, Integral Antenna
RN42U :
USB, Integral Antenna
RN42APL:
UART, MFi firmware
Temperature Range:
I
= -40°C to +85°C
Package: *
RM
= Radio Module
*All package offerings are Pb (Lead) Free
Examples:
a)
RN42-I/RM:
Integral Antenna,
Firmware version 6.15
b)
RN42-I/RM615:
Integral Antenna,
Firmware version 6.15
c)
RN42APL-I/RM: Integral Antenna,
Firmware version 5.45,
SPP and MFi firmware
d)
RN42N-I/RM:
External Antenna,
Firmware version 6.15
PART NO.
I
RM
Package
Temperature
Range
Device
XXX
Firmware
Revision
Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com