Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN42U Datasheet(PDF) 5 Page - Microchip Technology

Part # RN42U
Description  Class 2 Bluetooth짰 Module with EDR Support
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN42U Datasheet(HTML) 5 Page - Microchip Technology

  RN42U Datasheet HTML 1Page - Microchip Technology RN42U Datasheet HTML 2Page - Microchip Technology RN42U Datasheet HTML 3Page - Microchip Technology RN42U Datasheet HTML 4Page - Microchip Technology RN42U Datasheet HTML 5Page - Microchip Technology RN42U Datasheet HTML 6Page - Microchip Technology RN42U Datasheet HTML 7Page - Microchip Technology RN42U Datasheet HTML 8Page - Microchip Technology RN42U Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
 2015 Microchip Technology Inc.
DS50002328A-page 5
RN42/RN42N
Figure 1-2 and Figure 1-3 show the modules’
dimensions.
FIGURE 1-2:
RN42 MODULE
DIMENSIONS
FIGURE 1-3:
RN42N MODULE
DIMENSIONS
Figure 1-4 and Figure 1-5 show the pinout and
Table 1-6 describes the module’s pins.
FIGURE 1-4:
RN42 PIN DIAGRAM
FIGURE 1-5:
RN42N PIN DIAGRAM
0.80mm
0.0
0.7
2.8
4.0
5.2
6.4
7.6
8.8
10.0
11.2
12.4
13.6
14.8
16.0
25.8
19.7
20.5
PCB Outline: +/- 0.13 mm
PCB Thickness: +/- 0.1 mm
Tolerances:
Top View
Side View
Dimensions are in millimeters
0.0
25.8
0.80mm
0.0
0.7
2.8
4.0
5.2
6.4
7.6
8.8
10.0
11.2
12.4
13.6
14.8
16.0
19.7
20.5
PCB Outline: +/- 0.13 mm
PCB Thickness: +/- 0.1 mm
Tolerances:
Top View
Dimensions are in millimeters
0.0
20.5
Side View
GND
SPI_MOSI
GPIO6
GPIO7
RESET
SPI_CLOCK
PCM_CLK
PCM_SYNC
PCM_IN
PCM_OUT
VDD
GND
SPI_MISO
SPI_CSB
GPIO4
GPIO5
GPIO3
GPIO2
USB_D-
USB_D+
UART_CTS
UART_RTS
UART_TX
UART_RX
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
35 29 34 33 32 31 28 30
RN42
Top View
GND
SPI_MOSI
GPIO6
GPIO7
RESET
SPI_CLOCK
PCM_CLK
PCM_SYNC
PCM_IN
PCM_OUT
VDD
GND
SPI_MISO
SPI_CSB
GPIO4
GPIO5
GPIO3
GPIO2
USB_D-
USB_D+
UART_CTS
UART_RTS
UART_TX
UART_RX
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
35 29 34 33 32 31 28 30
RN42N
Top View
27 26 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com