Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM358FVT Datasheet(PDF) 23 Page - Rohm

Part # LM358FVT
Description  Ground Sense Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LM358FVT Datasheet(HTML) 23 Page - Rohm

Back Button LM358FVT Datasheet HTML 19Page - Rohm LM358FVT Datasheet HTML 20Page - Rohm LM358FVT Datasheet HTML 21Page - Rohm LM358FVT Datasheet HTML 22Page - Rohm LM358FVT Datasheet HTML 23Page - Rohm LM358FVT Datasheet HTML 24Page - Rohm LM358FVT Datasheet HTML 25Page - Rohm LM358FVT Datasheet HTML 26Page - Rohm LM358FVT Datasheet HTML 27Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
Datasheet
www.rohm.com
TSZ02201-0GMG0G200190-1-2
©2015 ROHM Co., Ltd. All rights reserved.
23/44
01.Aug.2016 Rev.005
TSZ22111・15・001
LM358xxx
LM324xxx
LM2904xxx
LM2902xxx
Application Information
NULL method condition for Test Circuit 1
VCC, VEE, EK, VICM Unit: V
Parameter
VF
SW1
SW2
SW3
VCC
VEE
EK
VICM
Calculation
Input Offset Voltage
VF1
ON
ON
OFF
5 to 30
0
-1.4
0
1
Input Offset Current
VF2
OFF
OFF
OFF
5
0
-1.4
0
2
Input Bias Current
VF3
OFF
ON
OFF
5
0
-1.4
0
3
VF4
ON
OFF
Large Signal Voltage Gain
VF5
ON
ON
ON
15
0
-1.4
0
4
VF6
-11.4
Common-mode Rejection Ratio
(Input Common-mode Voltage Range)
VF7
ON
ON
OFF
5
0
-1.4
0
5
VF8
3.5
Power Supply Rejection Ratio
VF9
ON
ON
OFF
5
0
-1.4
0
6
VF10
30
- Calculation -
1. Input Offset Voltage (VIO)
2. Input Offset Current (IIO)
3. Input Bias Current (IB)
4. Large Signal Voltage Gain (AV)
5. Common-mode Rejection Ratio (CMRR)
6. Power Supply Rejection Ratio (PSRR)
PSRR = 20Log
|VF10 - VF9|
VCC × (1+ RF/RS)
[dB]
|VF8 - VF7|
CMRR = 20Log
VICM × (1+RF/RS)
[dB]
Av = 20Log
|VF6 - VF5|
EK × (1+RF/RS)
[dB]
IB =
2 x RI x (1 + RF/RS)
[A]
|VF4 - VF3|
IIO =
RI x (1 + RF/RS)
[A]
|VF2 - VF1|
VIO =
1 + RF/RS
[V]
|VF1|
VICM
RS=50Ω
RS=50Ω
RF=50kΩ
RI=10kΩ
RI=10kΩ
SW1
SW2
50kΩ
SW3
RL
0.1μF
EK
500kΩ
500kΩ
1000pF
VF
0.1μF
15V
-15V
VCC
VEE
VOUT
V
NULL
DUT
Figure 59. Test Circuit 1 (One Channel Only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com