Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM358FVT Datasheet(PDF) 28 Page - Rohm

Part # LM358FVT
Description  Ground Sense Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LM358FVT Datasheet(HTML) 28 Page - Rohm

Back Button LM358FVT Datasheet HTML 24Page - Rohm LM358FVT Datasheet HTML 25Page - Rohm LM358FVT Datasheet HTML 26Page - Rohm LM358FVT Datasheet HTML 27Page - Rohm LM358FVT Datasheet HTML 28Page - Rohm LM358FVT Datasheet HTML 29Page - Rohm LM358FVT Datasheet HTML 30Page - Rohm LM358FVT Datasheet HTML 31Page - Rohm LM358FVT Datasheet HTML 32Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
Datasheet
www.rohm.com
TSZ02201-0GMG0G200190-1-2
©2015 ROHM Co., Ltd. All rights reserved.
28/44
01.Aug.2016 Rev.005
TSZ22111・15・001
LM358xxx
LM324xxx
LM2904xxx
LM2902xxx
0.0
0.3
0.6
0.9
1.2
1.5
0
255075
100
125
150
Ambient Temperature [°C]
0.0
0.3
0.6
0.9
1.2
1.5
0
255075
100
125
150
Ambient Temperature [°C]
When using the unit above TA=25°C, subtract the value above per Celsius degree.
Power dissipation is the value when FR4 glass epoxy board 70mm×70mm×1.6mm (copper foil area below 3%) is mounted.
Note 20
Note 21
Note 22
Note 23
Note 24
Note 25
Note 26
Note 27
Unit
5.5
5.4
5.0
4.7
4.5
8.2
7.0
6.8
mW/°C
Figure 67. Thermal Resistance and Derating Curve
(e) LM324xxx
85
LM324F (Note 24)
LM324FJ (Note 25)
LM324FV (Note 26)
LM324FVJ (Note 27)
LM2902F (Note 24)
LM2902FJ (Note 25)
LM2902FV (Note 26)
LM2902FVJ (Note 27)
(f) LM2902xxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com