Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN52-I/RM Datasheet(PDF) 11 Page - Microchip Technology

Part # RN52-I/RM
Description  Bluetooth Audio Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN52-I/RM Datasheet(HTML) 11 Page - Microchip Technology

Back Button RN52-I/RM Datasheet HTML 7Page - Microchip Technology RN52-I/RM Datasheet HTML 8Page - Microchip Technology RN52-I/RM Datasheet HTML 9Page - Microchip Technology RN52-I/RM Datasheet HTML 10Page - Microchip Technology RN52-I/RM Datasheet HTML 11Page - Microchip Technology RN52-I/RM Datasheet HTML 12Page - Microchip Technology RN52-I/RM Datasheet HTML 13Page - Microchip Technology RN52-I/RM Datasheet HTML 14Page - Microchip Technology RN52-I/RM Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
 2015 Microchip Technology Inc.
DS70005120A-page 11
RN52
1.2
General Purpose IO (GPIO) Ports
User programmable bidirectional GPIO ports are pro-
vided. The GPIO ports can be used as typical digital IO
ports. The directionality of the GPIOs can be config-
ured through console commands. The GPIOs can also
be read or asserted using the console commands. The
digital input and output voltage levels are provided in
Table 1-7.
TABLE 1-7:
DIGITAL INPUT AND OUTPUT VOLTAGE LEVELS
Voltage Information
Min
Typ
Max
Unit
Input Voltage Levels
VIL input logic level low
-0.3
—
0.25 x VDD
V
VIH input logic level high
0.625 x VDD
—VDD + 0.3
V
Output Voltage Levels
VOL output logic level low, Iol = 4.0 mA
0
—
0.125
V
VOH output logic level high, IOH = -4.0 mA
0.75 x VDD
—VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com