Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN52-I/RM Datasheet(PDF) 12 Page - Microchip Technology

Part # RN52-I/RM
Description  Bluetooth Audio Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN52-I/RM Datasheet(HTML) 12 Page - Microchip Technology

Back Button RN52-I/RM Datasheet HTML 8Page - Microchip Technology RN52-I/RM Datasheet HTML 9Page - Microchip Technology RN52-I/RM Datasheet HTML 10Page - Microchip Technology RN52-I/RM Datasheet HTML 11Page - Microchip Technology RN52-I/RM Datasheet HTML 12Page - Microchip Technology RN52-I/RM Datasheet HTML 13Page - Microchip Technology RN52-I/RM Datasheet HTML 14Page - Microchip Technology RN52-I/RM Datasheet HTML 15Page - Microchip Technology RN52-I/RM Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
RN52
DS70005120A-page 12
 2015 Microchip Technology Inc.
1.3
Power Consumption
The power consumption of the RN52 for various
connection states are provided in Figure 1-8.
TABLE 1-8:
POWER CONSUMPTION
Role
Connection
Audio Packet
Type
Description
Current (mA)
—
Stand-by
—
Active connection
0.07
—
Page Scan
—
Interval = 1280 ms
0.5
—
Inquiry and Page Scan
—
Inquiry scan = 1280 ms
Page scan = 1280 ms
0.88
RN52
A2DP
ACL
No Traffic
15
RN52
A2DP
ACL
Audio stream RX
21
RN52
A2DP
ACL
Sniff = 40 ms
1.7
RN52
A2DP
ACL
Sniff = 1280 ms
0.26
RN52
HFP
eSCO-EV3
—
26
RN52
HFP
eSCO-EV3
Setting S1
27
RN52
HFP
eSCO-2EV3
Setting S2
28
RN52
HFP
eSCO-2EV3
Setting S3
25
RN52
HFP
eSCO-EV5
—
22
RN52
HFP
SCO-HV1
—
42
RN52
HFP
SCO-HV3
—
28
RN52
HFP
SCO-HV3
Sniff = 30 ms
22
RN52SRC
A2DP
ACL
No traffic
4.4
RN52SRC
A2DP
ACL
Audio stream TX
9.2
RN52SRC
A2DP
ACL
Sniff = 40 ms
1.9
RN52SRC
A2DP
ACL
Sniff = 1280 ms
0.2
RN52SRC
HFP
eSCO-EV3
—
24
RN52SRC
HFP
eSCO-EV3
Setting S1
23
RN52SRC
HFP
eSCO-2EV3
Setting S2
22
RN52SRC
HFP
eSCO-2EV3
Setting S3
17
RN52SRC
HFP
eSCO-EV5
—
17
RN52SRC
HFP
SCO-HV1
—
42
RN52SRC
HFP
SCO-HV3
—
23
RN52SRC
HFP
SCO-HV3
Sniff = 30 ms
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com