Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST12LP17E Datasheet(PDF) 4 Page - Microchip Technology

Part # SST12LP17E
Description  2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LP17E Datasheet(HTML) 4 Page - Microchip Technology

  SST12LP17E Datasheet HTML 1Page - Microchip Technology SST12LP17E Datasheet HTML 2Page - Microchip Technology SST12LP17E Datasheet HTML 3Page - Microchip Technology SST12LP17E Datasheet HTML 4Page - Microchip Technology SST12LP17E Datasheet HTML 5Page - Microchip Technology SST12LP17E Datasheet HTML 6Page - Microchip Technology SST12LP17E Datasheet HTML 7Page - Microchip Technology SST12LP17E Datasheet HTML 8Page - Microchip Technology SST12LP17E Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
©2014 Silicon Storage Technology, Inc.
DS-70005004G
10/14
4
2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
SST12LP17E
Data Sheet
Pin Assignments
Figure 2: Pin Assignments for 8-contact X2SON and 8-contact USON
Pin Descriptions
Table 1: Pin Description
Symbol
Pin No.
Pin Name
Type1
1. I=Input, O=Output
Function
GND
0
Ground
Low inductance ground pad
VCC2
1
Power Supply
PWR
Power supply, 2nd stage
VCC1
2
Power Supply
PWR
Power supply, 1st stage
RFIN
3
I
RF input, DC decoupled
VREF
4
PWR
1st and 2nd stage idle current control
DET
5
O
On-chip power detector
RFOUT
6
O
RF output, DC decoupled
DNU
7
Do Not Use
Do not use or connect
DNU
8
Do Not Use
Do not use or connect
T1.0 75004
4
3
2
1
5
6
7
8
VCC2
RFIN
VREF
VCC1
DNU
RFOUT
DNU
Top View
RF & DC
Ground
0
(Contacts
facing down)
DET
1426 F2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com