Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST12LP17E Datasheet(PDF) 14 Page - Microchip Technology

Part # SST12LP17E
Description  2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LP17E Datasheet(HTML) 14 Page - Microchip Technology

Back Button SST12LP17E Datasheet HTML 7Page - Microchip Technology SST12LP17E Datasheet HTML 8Page - Microchip Technology SST12LP17E Datasheet HTML 9Page - Microchip Technology SST12LP17E Datasheet HTML 10Page - Microchip Technology SST12LP17E Datasheet HTML 11Page - Microchip Technology SST12LP17E Datasheet HTML 12Page - Microchip Technology SST12LP17E Datasheet HTML 13Page - Microchip Technology SST12LP17E Datasheet HTML 14Page - Microchip Technology SST12LP17E Datasheet HTML 15Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
©2014 Silicon Storage Technology, Inc.
DS-70005004G
10/14
14
2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
SST12LP17E
Data Sheet
Microchip Technology Drawing C04-201-XX8E-A Sheet 2 of 2
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Number of Terminals
Overall Height
Terminal Width
Overall Width
Overall Length
Terminal Length
Exposed Pad Width
Exposed Pad Length
Pitch
Standoff
Units
Dimension Limits
A1
A
b
D
E2
D2
e
L
E
N
0.40 BSC
0.70
1.55
0.25
0.15
0.34
0.00
0.20
2.00 BSC
0.30
1.60
0.75
0.37
0.02
2.00 BSC
MILLIMETERS
MIN
NOM
8
0.80
1.65
0.35
0.25
0.40
0.05
MAX
K-
0.20
-
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
1.
2.
4.
Notes:
Pin 1 visual index feature may vary, but must be located within the hatched area.
Pin 1 index on exposed pad may be curved indentation or 45° chamfer
Dimensioning and tolerancing per ASME Y14.5M
Terminal-to-Exposed-Pad
3. Package is saw singulated
Terminal Center-to-Center
L2
1.55 BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com