Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS110-7SN Datasheet(PDF) 2 Page - STMicroelectronics

Part # ACS110-7SN
Description  AC LINE SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS110-7SN Datasheet(HTML) 2 Page - STMicroelectronics

  ACS110-7SN Datasheet HTML 1Page - STMicroelectronics ACS110-7SN Datasheet HTML 2Page - STMicroelectronics ACS110-7SN Datasheet HTML 3Page - STMicroelectronics ACS110-7SN Datasheet HTML 4Page - STMicroelectronics ACS110-7SN Datasheet HTML 5Page - STMicroelectronics ACS110-7SN Datasheet HTML 6Page - STMicroelectronics ACS110-7SN Datasheet HTML 7Page - STMicroelectronics ACS110-7SN Datasheet HTML 8Page - STMicroelectronics ACS110-7SN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ACS110-7SN/SB2
2/10
Symbol
Parameter
Value
Unit
VDRM /VRRM
Repetitive peak off-state voltage
Tj = -10 °C
700
V
IT(RMS)
RMS on-state current full cycle sine wave
50 to 60 Hz
SOT-223
Ttab = 105 °C
1
A
DIL-8
Tlead = 110 °C
ITSM
Non repetitive surge peak on-state current
Tj initial = 25°C, full cycle sine wave
F =50 Hz
8
A
F =60 Hz
11
A
I
2t
Fusing capability
tp = 10ms
0.35
A²s
dI/dt
Repetitive on-state current critical rate of
rise IG = 10mA (tr < 100ns)
Tj = 125°C
F = 120 Hz
50
A/
µs
VPP
Non repetitive line peak pulse voltage
note 1
2kV
Tstg
Storage temperature range
- 40 to + 150
°C
Tj
Operating junction temperature range
- 30 to + 125
°C
Tl
Maximum lead soldering temperature during 10s
260
°C
Note 1: according to test described by IEC61000-4-5 standard & Figure 3.
ABSOLUTE RATINGS (limiting values)
For either positive or negative polarity of pin OUT voltage in respect to pin COM voltage
Symbol
Parameter
Value
Unit
PG (AV)
Average gate power dissipation
0.1
W
IGM
Peak gate current (tp = 20µs)
1
A
VGM
Peak positive gate voltage (in respect to pin COM)
5
V
GATE CHARACTERISTICS (maximum values)
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction to ambient S = 5cm²
SOT-223
60
°C/W
DIL-8
60
°C/W
Rth (j-l)
Junction to tab/lead for full cycle sine wave conduction
SOT-223
20
°C/W
DIL-8
15
°C/W
S = Copper surface under Tab
THERMAL RESISTANCES



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com