Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS110-7SN Datasheet(PDF) 3 Page - STMicroelectronics

Part # ACS110-7SN
Description  AC LINE SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS110-7SN Datasheet(HTML) 3 Page - STMicroelectronics

  ACS110-7SN Datasheet HTML 1Page - STMicroelectronics ACS110-7SN Datasheet HTML 2Page - STMicroelectronics ACS110-7SN Datasheet HTML 3Page - STMicroelectronics ACS110-7SN Datasheet HTML 4Page - STMicroelectronics ACS110-7SN Datasheet HTML 5Page - STMicroelectronics ACS110-7SN Datasheet HTML 6Page - STMicroelectronics ACS110-7SN Datasheet HTML 7Page - STMicroelectronics ACS110-7SN Datasheet HTML 8Page - STMicroelectronics ACS110-7SN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ACS110-7SN/SB2
3/10
Symbol
Test Conditions
Values
Unit
IGT
VOUT=12V (DC)
RL=140
Ω
QII - QIII
Tj=25°C
MAX
10
mA
VGT
VOUT=12V (DC)
RL=140
Ω
QII - QIII
Tj=25°C
MAX
1
V
VGD
VOUT=VDRM RL=3.3k
Ω
Tj=125°C
MIN
0.15
V
IH
IOUT= 100mA gate open
Tj=25°C
MAX
45
mA
IL
IG= 20mA
Tj=25°C
MAX
65
mA
VTM
IOUT = 1.4A
tp=380
µs
Tj=25°C
MAX
1.3
V
VTO
Tj=125°C
MAX
0.8
V
Rd
Tj=125°C
MAX
300
m
Ω
IDRM /
IRRM
VOUT = 700V
Tj=25°C
MAX
2
µA
Tj=125°C
MAX
200
dV/dt
VOUT=460V gate open
Tj=110°C
MIN
500
V/
µs
(dI/dt)c
(dV/dt)c = 20V/
µs
Tj=125°C
MIN
0.5
A/ms
VCL
ICL = 1mA
tp=1ms
Tj=25°C
TYP
1100
V
ELECTRICAL CHARACTERISTICS
For either positive or negative polarity of pin OUT voltage respect to pin COM voltage excepted note 3*.
Parameter Symbol
Parameter description
IGT
Triggering gate current
VGT
Triggering gate voltage
VGD
Non-triggering gate voltage
IH
Holding current
IL
Latching current
VTM
Peak on-state voltage drop
VTO
On state threshold voltage
Rd
On state dynamic resistance
IDRM /IRRM
Maximum forward or reverse leakage current
dV/dt
Critical rate of rise of off-state voltage
(dV/dt)c
Critical rate of rise of commutating off-state voltage
(dI/dt)c
Critical rate of decrease of commutating on-state current
VCL
Clamping voltage
ICL
Clamping current
PARAMETER DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com