| Electronic Components Datasheet Search |
|
TLE7250XLE Datasheet(PDF) 3 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE7250XLE Datasheet(HTML) 3 Page - Infineon Technologies AG |
|
3 / 34 page ![]() Type Package Marking TLE7250XLE PG-TSON-8 7250X TLE7250XSJ PG-DSO-8 7250X PG-TSON-8 PG-DSO-8 Data Sheet 3 Rev. 1.0, 2015-08-12 High Speed CAN-Transceiver TLE7250XLE TLE7250XSJ 1Overview Features • Fully compatible to ISO 11898-2 • Wide common mode range for electromagnetic immunity (EMI) • Very low electromagnetic emission (EME) • Excellent ESD robustness • Guaranteed loop delay symmetry to support CAN FD data frames up to 2 MBit/s • V IO input for voltage adaption to the microcontroller supply • Extended supply range on V CC and VIO supply • CAN short circuit proof to ground, battery and V CC • TxD time-out function • Low CAN bus leakage current in power-down state • Overtemperature protection • Protected against automotive transients • Receive-only mode • Green Product (RoHS compliant) • Two package variants: PG-DSO-8 and PG-TSON-8 • AEC Qualified Description The TLE7250X is a transceiver designed for HS CAN networks in automotive and industrial applications. As an interface between the physical bus layer and the CAN protocol controller, the TLE7250X drives the signals to the bus and protects the microcontroller against interferences generated within the network. Based on the high symmetry of the CANH and CANL signals, the TLE7250X provides a very low level of electromagnetic emission (EME) within a wide frequency range. The TLE7250X is available in a small, leadless PG-TSON-8 package and in a PG-DSO-8 package. Both packages are RoHS compliant and halogen free. Additionally the PG-TSON-8 package supports the solder joint requirements for automated optical inspection (AOI). The TLE7250XLE and the TLE7250XSJ are fulfilling or exceeding the requirements of the ISO11898-2. The TLE7250X provides a digital supply input V IO and a receive-only mode. It is designed to fulfill the enhanced physical layer requirements for CAN FD and supports data rates up to 2 MBit/s. On the basis of a very low leakage current on the HS CAN bus interface the TLE7250X provides an excellent passive behavior in power-down state. These and other features make the TLE7250X exceptionally suitable for mixed supply HS CAN networks. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |