Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7250XLE Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE7250XLE
Description  High Speed CAN-Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7250XLE Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE7250XLE Datasheet HTML 5Page - Infineon Technologies AG TLE7250XLE Datasheet HTML 6Page - Infineon Technologies AG TLE7250XLE Datasheet HTML 7Page - Infineon Technologies AG TLE7250XLE Datasheet HTML 8Page - Infineon Technologies AG TLE7250XLE Datasheet HTML 9Page - Infineon Technologies AG TLE7250XLE Datasheet HTML 10Page - Infineon Technologies AG TLE7250XLE Datasheet HTML 11Page - Infineon Technologies AG TLE7250XLE Datasheet HTML 12Page - Infineon Technologies AG TLE7250XLE Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
TLE7250XLE
TLE7250XSJ
Functional Description
Data Sheet
9
Rev. 1.0, 2015-08-12
The TLE7250X is a High-Speed CAN transceiver, operating as an interface between the CAN controller and the
physical bus medium. A HS CAN network is a two wire, differential network which allows data transmission rates
for CAN FD frames up to 2 MBit/s. Characteristic for HS CAN networks are the two signal states on the HS CAN
bus: “dominant” and “recessive” (see Figure 3).
V
CC, VIO and GND are the supply pins for the TLE7250X. The pins CANH and CANL are the interface to the
HS CAN bus and operate in both directions, as an input and as an output. RxD and TxD pins are the interface to
the CAN controller, the TxD pin is an input pin and the RxD pin is an output pin. The RM pin is the input pin for the
mode selection (see Figure 4).
By setting the TxD input pin to logical “low” the transmitter of the TLE7250X drives a “dominant” signal to the CANH
and CANL pins. Setting TxD input to logical “high” turns off the transmitter and the output voltage on CANH and
CANL discharges towards the “recessive” level. The “recessive” output voltage is provided by the bus biasing (see
Figure 1). The output of the transmitter is considered to be “dominant”, when the voltage difference between
CANH and CANL is at least higher than 1.5 V (
V
Diff = VCANH - VCANL).
Parallel to the transmitter the normal-mode receiver monitors the signal on the CANH and CANL pins and indicates
it on the RxD output pin. A “dominant” signal on the CANH and CANL pins sets the RxD output pin to logical “low”,
vice versa a “recessive” signal sets the RxD output to logical “high”. The normal-mode receiver considers a voltage
difference (
V
Diff) between CANH and CANL above 0.9 V as “dominant” and below 0.5 V as “recessive”.
To be conform with HS CAN features, like the bit to bit arbitration, the signal on the RxD output has to follow the
signal on the TxD input within a defined loop delay
t
Loop ≤ 255 ns.
The thresholds of the digital inputs (TxD and RM) and also the RxD output voltage are adapted to the digital power
supply
V
IO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com