Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7873ACP Datasheet(PDF) 13 Page - Analog Devices

Part # AD7873ACP
Description  Touch Screen Digitizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7873ACP Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7873ACP Datasheet HTML 9Page - Analog Devices AD7873ACP Datasheet HTML 10Page - Analog Devices AD7873ACP Datasheet HTML 11Page - Analog Devices AD7873ACP Datasheet HTML 12Page - Analog Devices AD7873ACP Datasheet HTML 13Page - Analog Devices AD7873ACP Datasheet HTML 14Page - Analog Devices AD7873ACP Datasheet HTML 15Page - Analog Devices AD7873ACP Datasheet HTML 16Page - Analog Devices AD7873ACP Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD7873
Rev. D | Page 13 of 28
CIRCUIT INFORMATION
The AD7873 is a fast, low-power, 12-bit, single-supply A/D
converter. The AD7873 can be operated from a 2.2 V to 5.25 V
supply. When operated from either a 5 V supply or a 3 V supply,
the AD7873 is capable of throughput rates of 125 kSPS when
provided with a 2 MHz clock.
The AD7873 provides the user with an on-chip track-and-hold,
multiplexer, A/D converter, reference, temperature sensor, and
serial interface housed in a tiny 16-lead QSOP, TSSOP, or
LFCSP package, which offers the user considerable space-saving
advantages over alternative solutions. The serial clock input
(DCLK) accesses data from the part and also provides the clock
source for the successive approximation ADC. The analog input
range is 0 V to VREF (where the externally applied VREF can be
between 1 V and +VCC). The AD7873 has a 2.5 V reference on
board with this reference voltage available for use externally if
buffered.
The analog input to the ADC is provided via an on-chip
multiplexer. This analog input can be any one of the X, Y, and Z
panel coordinates, battery voltage, or chip temperature. The
multiplexer is configured with low-resistance switches that
allow an unselected ADC input channel to provide power and
an accompanying pin to provide ground for an external device.
For some measurements, the on-resistance of the switches could
present a source of error. However, with a differential input to
the converter and a differential reference architecture, this error
can be negated.
ADC TRANSFER FUNCTION
The output coding of the AD7873 is straight binary. The
designed code transitions occur at successive integer LSB values
(that is, 1 LSB, 2 LSBs, and so on). The LSB size is VREF/4096.
The ideal transfer characteristic for the AD7873 is shown in
Figure 24.
ANALOG INPUT
1LSB
0V
+VREF–1LSB
1LSB = VREF/4096
111...111
111...110
111...000
011...111
000...010
000...001
000...000
Figure 24. Transfer Characteristic
TYPICAL CONNECTION DIAGRAM
Figure 25 shows a typical connection diagram for the AD7873
in a touch screen control application. The AD7873 features an
internal reference, but this can be overdriven with an external
low impedance source between 1 V and +VCC. The value of the
reference voltage sets the input range of the converter. The
conversion result is output MSB first, followed by the remaining
11 bits and three trailing zeroes, depending on the number of
clocks used per conversion. (See the Serial Interface section.)
For applications where power consumption is a concern, the
power management option should be used to improve power
performance. See Table 7 for available power management
options.
16
15
14
13
12
11
9
8
1
2
3
4
7
6
5
10
TOUCH
SCREEN
1
µF TO 10µF
(OPTIONAL)
2.2V TO 5V
0.1
µF
0.1
µF
AUXILIARY
INPUT
AD7873
+VCC
X+
Y+
X–
Y–
GND
VBAT
AUX
DCLK
CS
DIN
BUSY
DOUT
PENIRQ
+VCC
VREF
SERIAL/CONVERSION CLOCK
CHIP SELECT
SERIAL DATA IN
CONVERTER STATUS
SERIAL DATA OUT
PEN INTERRUPT
50k
Ω
TO BATTERY
VOLTAGE
REGULATOR
Figure 25. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com