Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE3250 Datasheet(PDF) 42 Page - STMicroelectronics

Part # ADE3250
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3250 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button ADE3250 Datasheet HTML 38Page - STMicroelectronics ADE3250 Datasheet HTML 39Page - STMicroelectronics ADE3250 Datasheet HTML 40Page - STMicroelectronics ADE3250 Datasheet HTML 41Page - STMicroelectronics ADE3250 Datasheet HTML 42Page - STMicroelectronics ADE3250 Datasheet HTML 43Page - STMicroelectronics ADE3250 Datasheet HTML 44Page - STMicroelectronics ADE3250 Datasheet HTML 45Page - STMicroelectronics ADE3250 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 88 page
background image
Data Mux Block
ADE3XXX
42/88
2.11
Data Mux Block
Data mux provides the following functions:
q
selection of one among three data sources
q
debug modes (e.g. bit order swap, color swap)
2.12
Data Measurement Block
The Data Measurement module measures several characteristics of the data and sync signals.
Data measurements are taken over a programmable window as defined by an upper left (mix_x,
min_y) and a lower right (max_x, max_y), which may be the whole frame. Measurements are
programmable either per color channel or over all color channels.
This module computes all measurements of sync and data format that are done in the INCLK
domain. The Sync Measurement module does measurements in the XCLK domain. The INCLKs
per DE measurement does not use the window feature. It measures the number of INCLK per DE
and returns the result for every line.
All unused or reserved bits return as zero.
Windows are relative to Sync pulses. A window defined from (0,0) - (0xFFF, 0xFFF) goes from sync
to sync. The reference edge to use, rising or falling, is also programmable per X and Y coordinates.
Configure SMUX to provide a positive polarity sync to the DMEAS block. All window enables reset
at 0 and always reset on the rising or falling edge of sync.
See the description of the specific PHM and DMM measurements performed within DMEAS here
below. Most algorithms are run over separate or all color channels. Most algorithms also contain a
threshold value to zero out noise and / or amplify edges. Algorithm, Color, Threshold, or Window
Control changes are accepted at the end of a valid measurement, the current measurement in
progress is not affected.
Software requests measurements in one of two ways:
q
One shot - synchronous with respect to the microcontroller.
q
Free Run - asynchronous with respect to the microcontroller.
Table 15: Data Mux Registers
Register
Addr.
Mode
Bits
Default
Description
DMUX_CHANSEL
0x0280
[7]
0x0
Reserved
R/W
[6]
0x0
0: normal
1: msb/lsb byte flip
R/W
[5:3]
0x0
If enabled by [2]
0x0: Reserved
0x1: R & G bytes are swapped
0x2: B & G bytes are swapped
0x3: R => G, G => B, B => R
0x4: R & B bytes are swapped
0x5: R => B, G => R, B => G
0x0, 0x6-0x7: Reserved
R/W
[2]
0x0
0: normal
1: enable color swap
R/W
[1:0]
0x0
Video Source Select
0x0: ADC data
0x1: YUV data
0x2: DVI data
0x3: DVI xor YUV xor ADC (for test only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com