Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE3250 Datasheet(PDF) 43 Page - STMicroelectronics

Part # ADE3250
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3250 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button ADE3250 Datasheet HTML 39Page - STMicroelectronics ADE3250 Datasheet HTML 40Page - STMicroelectronics ADE3250 Datasheet HTML 41Page - STMicroelectronics ADE3250 Datasheet HTML 42Page - STMicroelectronics ADE3250 Datasheet HTML 43Page - STMicroelectronics ADE3250 Datasheet HTML 44Page - STMicroelectronics ADE3250 Datasheet HTML 45Page - STMicroelectronics ADE3250 Datasheet HTML 46Page - STMicroelectronics ADE3250 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 88 page
background image
43/88
ADE3XXX
Data Measurement Block
In One-shot mode, the block indicates that measurement is valid through an auto-clear of start
condition.
In Free-running mode, the block indicates that measurement is valid through a polling bit. In Free-
running mode, a freeze bit is provided to freeze the results. Measurements continue with the polling
bit active, but they are not updated if the Freeze bit is set.
2.12.1 Edge Intensity
The Edge Intensity measurement is the sum of the absolute value of the delta between adjacent
pixels. A programmable threshold is applied to zero out noise and amplify edges.
Equation:
Delta_val = abs(pixelA - pixelB) - threshold;
Delta_val = Delta_val < 0 ? 0: Delta_val;
Sum += Delta_val;
For all 3 color channels:
Sum += Delta_val on Red channel + Delta_val on Green channel + Delta_val on Blue channel
2.12.2 Pixel Sum
The Pixel Sum is the sum of all selected pixels for either a specific color channel or all color
channels within the window specified.
2.12.3 Min / Max
The Min / Max reports the minimum and maximum pixel found withing the window specified.
2.12.4 PCD
Pixel cumulative distribution function reports the total number of pixels greater than (or less than) a
programmable threshold.
To switch between pixels greater than or pixel less than the threshold, a control bit is provided in the
DMM_Mode register when requesting a measurement.
2.12.5 H Position Min / Max
Horizontal position measures the start and end of video data in INCLKs relative to the posedge of
hsync.
Data horizontal start is defined as the number of INCLKs between posedge of hsync and the "first
data pixel".
First data pixel is either:
q
first pixel greater than the programmable threshold value, or
q
first pixel with the absolute value (current pixel - previous pixel) is greater than the
programmable threshold value
Data horizontal end is defined as the number of INCLKs between posedge of hsync and the "last
data pixel plus one". The search for the last pixels ends at the end of a window.
Last data pixel plus one is either:
q
pixel after the last pixel that is greater than the programmable threshold value,or
q
last pixel with the absolute value(current pixel - previous pixel) is greater than the
programmable threshold value.
When measurement is required, a control bit in the DMM_Mode register is used to switch between
the two threshold methods for first and last pixels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com