Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3522ACP-1.8 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP3522ACP-1.8
Description  GSM Power Management System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3522ACP-1.8 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP3522ACP-1.8 Datasheet HTML 12Page - Analog Devices ADP3522ACP-1.8 Datasheet HTML 13Page - Analog Devices ADP3522ACP-1.8 Datasheet HTML 14Page - Analog Devices ADP3522ACP-1.8 Datasheet HTML 15Page - Analog Devices ADP3522ACP-1.8 Datasheet HTML 16Page - Analog Devices ADP3522ACP-1.8 Datasheet HTML 17Page - Analog Devices ADP3522ACP-1.8 Datasheet HTML 18Page - Analog Devices ADP3522ACP-1.8 Datasheet HTML 19Page - Analog Devices ADP3522ACP-1.8 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
REV. 0
ADP3522
–19–
Printed Circuit Board Layout Considerations
Use the following general guidelines when designing printed
circuit boards:
1. Connect the battery to the VBAT, VBAT2, and VRTCIN
pins of the ADP3522. Locate the input capacitor as close to
the pins as possible.
2. VAN and VTCXO output capacitors should be returned to
AGND.
3. VCORE, VMEM, and VSIM output capacitors should be
returned to DGND.
4. Split the ground connections. Use separate traces or planes
for the analog, digital, and power grounds and tie them to-
gether at a single point, preferably close to the battery return.
5. Run a separate trace from the BATSNS pin to the battery to
prevent voltage drop error in the MVBAT measurement.
6. Kelvin connect the charger’s sense resistor by running
separate traces to the CHRIN pin and ISENSE pin. Make
sure the traces are terminated as close to the resistor’s
body as possible.
7. Use the best industry practice for thermal considerations
during the layout of the ADP3522 and charger components.
Careful use of copper area, weight, and multilayer construc-
tion all contribute to improved thermal performance.
LFCSP Layout Considerations
The CSP package has an exposed die paddle on the bottom that
efficiently conducts heat to the PCB. In order to achieve the
optimum performance from the CSP package, special consider-
ation must be given to the layout of the PCB. Use the following
layout guidelines for the CSP package:
1. The pad pattern is given in Figure 11. The pad dimension
should be followed closely for reliable solder joints while
maintaining reasonable clearances to prevent solder bridging.
2. The thermal pad of the CSP package provides a low thermal
impedance path (approximately 15
°C/W) to the PCB.
Therefore, the PCB must be properly designed to effectively
conduct the heat away from the package. This is achieved by
adding thermal vias to the PCB, which provide a thermal
path to the inner or bottom layers. See Figure 12 for the
recommended via pattern. Note that the via diameter is
small. This is to prevent the solder from flowing through the
via and leaving voids in the thermal pad solder joint.
Note that the thermal pad is attached to the die substrate;
the thermal planes that the vias attach the package to must
be electrically isolated or connected to VBAT. Do NOT
connect the thermal pad to ground.
3. The solder mask opening should be about 120 microns (4.7 mils)
larger than the pad size resulting in a minimum 60 microns
(2.4 mils) clearance between the pad and the solder mask.
4. The paste mask opening is typically designed to match the
pad size used on the peripheral pads of the LFCSP package.
This should provide a reliable solder joint as long as the
stencil thickness is about 0.125 mm.
The paste mask for the thermal pad needs to be designed for
the maximum coverage to effectively remove the heat from
the package. However, due to the presence of thermal vias
and the large size of the thermal pad, eliminating voids may
not be possible. Also, if the solder paste coverage is too large,
solder joint defects may occur. Therefore, it is recommended
to use multiple small openings over a single big opening in
designing the paste mask. The recommended paste mask
pattern is given in Figure 13. This pattern will result in about
80% coverage, which should not degrade the thermal perfor-
mance of the package significantly.
5. The recommended paste mask stencil thickness is 0.125 mm.
A laser cut stainless steel stencil with trapezoidal walls should
be used.
A “No Clean,” Type 3 solder paste should be used for
mounting the LFCSP package. Also, a nitrogen purge during
the reflow process is recommended.
6. The package manufacturer recommends that the reflow
temperature should not exceed 220
°C and the time above
liquids is less than 75 seconds. The preheat ramp should be
3
°C/second or lower. The actual temperature profile depends
on the board’s density and must be determined by the assembly
house as to what works best.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com