Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3843D813 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AS3843D813
Description  Current Mode Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS3843D813 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AS3843D813 Datasheet HTML 1Page - List of Unclassifed Manufacturers AS3843D813 Datasheet HTML 2Page - List of Unclassifed Manufacturers AS3843D813 Datasheet HTML 3Page - List of Unclassifed Manufacturers AS3843D813 Datasheet HTML 4Page - List of Unclassifed Manufacturers AS3843D813 Datasheet HTML 5Page - List of Unclassifed Manufacturers AS3843D813 Datasheet HTML 6Page - List of Unclassifed Manufacturers AS3843D813 Datasheet HTML 7Page - List of Unclassifed Manufacturers AS3843D813 Datasheet HTML 8Page - List of Unclassifed Manufacturers AS3843D813 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
ASTEC Semiconductor
AS384x
Current Mode Controller
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Supply Voltage (I
CC < 30 mA)
V
CC
Self-Limiting
V
Supply Voltage (Low Impedance Source)
V
CC
30
V
Output Current
I
OUT
±1
A
Output Energy (Capacitive Load)
5
µJ
Analog Inputs (Pin 2, Pin 3)
Ð0.3 to 30
V
Error Amp Sink Current
10
mA
Maximum Power Dissipation
P
D
8L SOIC
750 mW
8L PDIP
1000 mW
14L SOIC
950 mW
Maximum Junction Temperature
T
J
150
¡C
Operating Temperature
0 to 150
¡C
Storage Temperature Range
T
STG
Ð65 to 150
¡C
Lead Temperature, Soldering 10 Seconds
T
L
300
¡C
Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these or any other conditions above indicated in the operational sections
of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Recommended Conditions
Parameter
Symbol
Rating
Unit
Supply Voltage
V
CC
AS3842,4
15
V
AS3843,5
10
V
Oscillator
f
OSC
50 to 500
kHz
Typical Thermal Resistances
Package
θ
JA
θ
JC
Typical Derating
8L PDIP
95¡C/W
50¡C/W
10.5 mW/¡C
8L SOIC
175¡C/W
45¡C/W
5.7 mW/¡C
14L SOIC
130¡C/W
35¡C/W
7.7 mW/¡C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com