Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3843D813 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AS3843D813
Description  Current Mode Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS3843D813 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AS3843D813 Datasheet HTML 1Page - List of Unclassifed Manufacturers AS3843D813 Datasheet HTML 2Page - List of Unclassifed Manufacturers AS3843D813 Datasheet HTML 3Page - List of Unclassifed Manufacturers AS3843D813 Datasheet HTML 4Page - List of Unclassifed Manufacturers AS3843D813 Datasheet HTML 5Page - List of Unclassifed Manufacturers AS3843D813 Datasheet HTML 6Page - List of Unclassifed Manufacturers AS3843D813 Datasheet HTML 7Page - List of Unclassifed Manufacturers AS3843D813 Datasheet HTML 8Page - List of Unclassifed Manufacturers AS3843D813 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
ASTEC Semiconductor
AS384x
Current Mode Controller
Electrical Characteristics (contÕd)
Electrical characteristics are guaranteed over full junction temperature range (0 to 105¡C). Ambient temperature must be derated
based on power dissipation and package thermal characteristics. The conditions are: V
CC = 15 V, RT = 10 k½, and CT = 3.3 nF, unless
otherwise stated. To override UVLO, V
CC should be raised above 17 V prior to test.
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Error Amplifier
Input Voltage
V
FB
T
J = 25¡C
2.475
2.500
2.525
V
Input Bias Current
I
BIAS
Ð0.1
Ð1
µA
Voltage Gain
A
VOL
2 ² V
COMP ² 4 V
65
90
1
dB
Transconductance
G
m
1
mA/mV
Unity Gain Bandwidth1
GBW
0.8
1.2
MHz
Power Supply Rejection Ratio
PSRR
12 ² V
CC ² 25 V
60
70
dB
Output Sink Current
I
COMPL
V
FB = 2.7 V, VCOMP = 1.1 V
2
6
mA
Output Source Current
I
COMPH
V
FB = 2.3 V, VCOMP = 5 V
0.5
0.8
mA
Output Swing High
V
COMPH
V
FB = 2.3 V, RL = 15 k½ to Ground
5
5.5
V
Output Swing Low
V
COMPL
V
FB = 2.7 V, RL = 15 k½ to Pin 8
0.7
1.1
V
Current Sense Comparator
Transfer Gain2,3
AV
CS
Ð0.2 ² V
SENSE ² 0.8 V
2.85
3.0
3.15
V/V
I
SENSE Level Shift
2
V
LS
V
SENSE = 0 V
1.5
V
Maximum Input Signal2
V
COMP = 5 V
0.9
1
1.1
V
Power Supply Rejection Ratio
PSRR
12 ² V
CC ² 25 V
70
dB
Input Bias Current
I
BIAS
Ð1
Ð10
µA
Propagation Delay to Output1
t
PD
85
150
ns
Output
Output Low Level
V
OL
I
SINK = 20 mA
0.1
0.4
V
V
OL
I
SINK = 200 mA
1.5
2.2
V
Output High Level
V
OH
I
SOURCE = 20 mA
13
13.5
V
V
OH
I
SOURCE = 200 mA
12
13.5
V
Rise Time1
t
R
C
L = 1 nF
50
150
ns
Fall Time1
t
F
C
L = 1 nF
50
150
ns
Housekeeping
Start-up Threshold
V
CC(on)
3842/4
15
16
17
V
3843/5
7.8
8.4
9.0
V
Minimum Operating Voltage
V
CC(min)
3842/4
9
10
11
V
After Turn On
3843/5
7.0
7.6
8.2
V
Output Low Level in UV State
V
OUV
I
SINK = 20 mA, VCC = 6 V
1.5
2.0
V
Over-Temperature Shutdown4
T
OT
125
¡C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com