Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV6001UIDBVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV6001UIDBVT
Description  Low-Power, Rail-to-Rail In/Out, 1-MHz Operational Amplifier for Cost-Sensitive Systems
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV6001UIDBVT Datasheet(HTML) 3 Page - Texas Instruments

  TLV6001UIDBVT Datasheet HTML 1Page - Texas Instruments TLV6001UIDBVT Datasheet HTML 2Page - Texas Instruments TLV6001UIDBVT Datasheet HTML 3Page - Texas Instruments TLV6001UIDBVT Datasheet HTML 4Page - Texas Instruments TLV6001UIDBVT Datasheet HTML 5Page - Texas Instruments TLV6001UIDBVT Datasheet HTML 6Page - Texas Instruments TLV6001UIDBVT Datasheet HTML 7Page - Texas Instruments TLV6001UIDBVT Datasheet HTML 8Page - Texas Instruments TLV6001UIDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
1
OUT
2
V±
3
+IN
4
±IN
5
V+
Not to scale
1
OUT
2
V±
3
+IN
4
±IN
5
V+
Not to scale
3
TLV6001, TLV6002, TLV6004
www.ti.com
SBOS779B – JUNE 2016 – REVISED OCTOBER 2016
Product Folder Links: TLV6001 TLV6002 TLV6004
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Device Comparison Table
DEVICE
NO. OF
CHANNELS
PACKAGE-LEADS
SC70
SOT-23
SOIC
VSSOP
TSSOP
TLV6001
1
5
5
—
—
—
TLV6002
2
—
—
8
8
—
TLV6004
4
—
—
—
—
14
6 Pin Configuration and Functions
TLV6001: DCK Package
5-Pin SC70
Top View
TLV6001: DBV Package
5-Pin SOT-23
Top View
Pin Functions: TLV6001
PIN
I/O
DESCRIPTION
NAME
DCK
(SC70)
DBV
(SOT-23)
–IN
4
4
I
Noninverting input
+IN
3
3
I
Inverting input
OUT
1
1
O
Output
V–
2
2
—
Negative (lowest) power supply
V+
5
5
—
Positive (highest) power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com