Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV6001UIDBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV6001UIDBVT
Description  Low-Power, Rail-to-Rail In/Out, 1-MHz Operational Amplifier for Cost-Sensitive Systems
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV6001UIDBVT Datasheet(HTML) 1 Page - Texas Instruments

  TLV6001UIDBVT Datasheet HTML 1Page - Texas Instruments TLV6001UIDBVT Datasheet HTML 2Page - Texas Instruments TLV6001UIDBVT Datasheet HTML 3Page - Texas Instruments TLV6001UIDBVT Datasheet HTML 4Page - Texas Instruments TLV6001UIDBVT Datasheet HTML 5Page - Texas Instruments TLV6001UIDBVT Datasheet HTML 6Page - Texas Instruments TLV6001UIDBVT Datasheet HTML 7Page - Texas Instruments TLV6001UIDBVT Datasheet HTML 8Page - Texas Instruments TLV6001UIDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
60
65
70
75
80
85
90
95
100
105
110
-50
-25
0
25
50
75
100
125
Temperature (oC)
C001
PSRR
CMRR
V
CM = ±0.2 V to 5.2 V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TLV6001, TLV6002, TLV6004
SBOS779B – JUNE 2016 – REVISED OCTOBER 2016
TLV600x Low-Power, Rail-to-Rail In/Out, 1-MHz Operational Amplifier for Cost-Sensitive
Systems
1
1 Features
1
Precision Amplifiers for Cost-Sensitive Systems
Low Quiescent Current: 75 µA/ch
Supply Range: 1.8 V to 5.5 V
Input Voltage Noise Density: 28 nV/
√Hz at 1 kHz
Rail-to-Rail Input and Output
Gain Bandwidth: 1 MHz
Low Input Bias Current: 1.0 pA
Low Offset Voltage: 0.75 mV
Unity-Gain Stable
Internal RF and EMI Filter
Extended Temperature Range:
–40°C to +125°C
2 Applications
Industrial and Consumer Electronics
Portable Equipment
Portable Blood Glucose Systems
Smoke Detectors
White Goods
Power Banks
CMRR and PSRR vs Temperature
3 Description
The TLV600x family of single-, dual-, and quad-
channel operational amplifiers is specifically designed
for general-purpose applications. Featuring rail-to-rail
input and output (RRIO) swings, low quiescent
current (75 μA, typical), wide bandwidth (1 MHz) and
low noise (28 nV/
√Hz at 1 kHz), this family is
attractive for a variety of applications that require a
good balance between cost and performance, such
as consumer electronics, smoke detectors, and white
goods. The low-input-bias current (±1.0 pA, typical)
enables the TLV600x to be used in applications with
megaohm source impedances.
The robust design of the TLV600x provides ease-of-
use to the circuit designer: unity-gain stability with
capacitive loads of up to 150 pF, integrated RF/EMI
rejection
filter,
no
phase
reversal
in
overdrive
conditions, and high electrostatic discharge (ESD)
protection (4-kV HBM).
The devices are optimized for operation at voltages
as low as 1.8 V (±0.9 V) and up to 5.5 V (±2.75 V),
and are specified over the extended temperature
range of –40°C to +125°C.
The single-channel TLV6001 is available in SC70-5
and SOT23-5 packages. The dual-channel TLV6002
is offered in SOIC-8 and VSSOP-8 packages, and the
quad-channel TLV6004 is offered in a TSSOP-14
package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLV6001
SC70 (5)
2.00 mm × 1.25 mm
SOT-23 (5)
2.90 mm × 1.60 mm
TLV6002
SOIC (8)
4.90 mm × 3.91 mm
VSSOP (8)
3.00 mm × 3.00 mm
TLV6004
TSSOP (14)
5.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.


Similar Part No. - TLV6001UIDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV6001UIDBVT TI2-TLV6001UIDBVT Datasheet
2Mb / 45P
TLV600x Low-Power, Rail-to-Rail In/Out, 1-MHz Operational Amplifier for Cost-Sensitive Systems
REVISED MAY 2017
TLV6001UIDBVT.A TI2-TLV6001UIDBVT.A Datasheet
2Mb / 45P
TLV600x Low-Power, Rail-to-Rail In/Out, 1-MHz Operational Amplifier for Cost-Sensitive Systems
REVISED MAY 2017
More results

Similar Description - TLV6001UIDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV313 TI1-TLV313 Datasheet
2Mb / 39P
Low-Power, Rail-to-Rail In/Out, 500-muV Typical Offset, 1-MHz Operational Amplifier for Cost-Sensitive Systems
TLV6001 TI1-TLV6001 Datasheet
2Mb / 36P
Low-Power, Rail-to-Rail In/Out, 1-MHz Operational Amplifier for Cost-Sensitive Systems
TLV313-Q1 TI1-TLV313-Q1 Datasheet
1Mb / 28P
Low-Power, Rail-to-Rail In/Out, 750-uV Typical Offset, 1-MHz Operational Amplifier for Cost-Sensitive Systems
TLV9001 TI1-TLV9001_18 Datasheet
1Mb / 32P
Low-Power, Rail-to-Rail In and Out, 1-MHz Operational Amplifier
TLV6001-Q1 TI1-TLV6001-Q1 Datasheet
1Mb / 26P
Low-Power, Rail-to-Rail In/Out, 1-MHz Operational Amplifier for Cost-Sensitive Systems
OPA2313-Q1 TI1-OPA2313-Q1 Datasheet
2Mb / 32P
Low-Power, Rail-to-Rail In/Out, 500-關V Typical Offset, 1-MHz Operational Amplifier for Cost-Sensitive Systems
TLV313-Q1 TI1-TLV313-Q1_18 Datasheet
1Mb / 32P
Low-Power, Rail-to-Rail In/Out, 750-uV Typical Offset, 1-MHz Operational Amplifier for Cost-Sensitive Systems
TLV6001-Q1 TI1-TLV6001-Q1_18 Datasheet
1Mb / 32P
Low-Power, Rail-to-Rail In/Out, 1-MHz Operational Amplifier for Cost-Sensitive Systems
OPA607 TI-OPA607_V03 Datasheet
2Mb / 45P
OPAx607 50-MHz, Low-Power, Rail-to-Rail Output CMOS Operational Amplifier for Cost Sensitive Systems
OPA607 TI-OPA607_V04 Datasheet
3Mb / 48P
OPAx607 50-MHz, Low-Power, Rail-to-Rail Output CMOS Operational Amplifier for Cost Sensitive Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com