Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RSA0K Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # RSA0K
Description  Provides a superior operational feel with high-speed tracking in motor drive mode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RSA0K Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  RSA0K Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RSA0K Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RSA0K Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RSA0K Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RSA0K Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RSA0K Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RSA0K Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. RSA0K Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
423
In addition to the products listed, we can accommodate the follow specifications.
Type
Travel
(
mm)
Model
Touch sense
track
Operating force
Terminal
Single-unit
Motor N fader
Motor K fader
CP type
60
100
RS60N11M
0.8±0.5N
RSA0N11M
RSA0K11V
0.4±0.25N
Dual-unit
(Servo +
Audio track)
Motor N fader
Motor K fader
CP type
60
100
RS60N12M
0.8±0.5N
RSA0N12M
RSA0K12V
0.5
+0.4
−0.25 N
Available
For PC board
(for auto dipping)
Lead
Fader terminal:Connector
Motor terminal:Lead
Lead
Fader terminal:Connector
Motor terminal:Lead
  Marked are specifications recommended by Alps.
Note
※ Motor K fader, Motor V fader: Only 10kΩ
Products Specifications
Refer to P.424, 425 for ordering products not listed.
Circuit Diagram
Motor
Servo track
100%
0%
100%
Moving direction of lever and contacts
A = +
B = +
0%
Wiper
3
2
1
3
1
T
Lever
100%
0%
3
1
+
−
−
+
or
A
M
B
+
+
+
−
−
+
Touch sense track
+
+
+
−
−
+
Resistance taper
Servo
Audio
1B
15A
1B
10A
Resistance Taper
Total resistance(k Ω)
10※
50
100
250
Total Resistance Variety
Configuration code
9-T
(T-Bar)
Dimensions
18.5
(14.5)
(8)
1.5
t=1.2
Unit:mm
Lever Types
Motor-driven Master Type / Other Specifications



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com