Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RSA0K Datasheet(PDF) 5 Page - ALPS ELECTRIC CO.,LTD.

Part # RSA0K
Description  Provides a superior operational feel with high-speed tracking in motor drive mode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RSA0K Datasheet(HTML) 5 Page - ALPS ELECTRIC CO.,LTD.

  RSA0K Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RSA0K Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RSA0K Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RSA0K Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RSA0K Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RSA0K Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RSA0K Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. RSA0K Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
424
When ordering product varieties that are not listed, specify referring to the examples below.
Sample Part Number
For dual-units specify the taper of the
audio track. Servo track will always be
1B taper.
Total resistance
Code
Total resistance(k Ω)
103
10
503
50
104
100
254
250
Resistance taper
Code
B
A
D
Resistance taper
1B
15A
10A
R S 6 0 N 1 1 M
T 0
B 1 0 3
60
A0
60
100
Travel (mm)
Single-unit
Dual-unit
1
2
Number of resistor elements
Touch sense track
Code
Touch sense track
T0
Without
T1
With
100
90
80
70
60
50
40
30
20
10
0
100
90
80
70
60
50
40
30
20
10
Rotation travel (
%)
Term."1"
Term."3"
D(10A)
A(15A)
J
Marked are specifications recommended by Alps.
Note
Motor-driven Master Type Slide Potentiometer(Motor N Fader) / Ordering Products Not Listed



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com