Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WP21 Datasheet(PDF) 3 Page - Japan Aviation Electronics Industry, Ltd.

Part # WP21
Description  0.35mm Pitch, Stacking Type Board-to-Board (FPC) Connector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

WP21 Datasheet(HTML) 3 Page - Japan Aviation Electronics Industry, Ltd.

  WP21 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. WP21 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. WP21 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. WP21 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. WP21 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MB-0288-1
JAE PMK Div. Proprietary. Copyright © 2015, Japan Aviation Electronics Industry, Ltd.
3/5
WP21 Plug
        DIMENSIONS
              寸法
NUMBER
OF CONTACT
芯数
AB
C
10
2.10
2.81
1.0
20
3.15
4.56
2.0
22
3.50
4.91
2.0
24
3.85
5.26
2.0
30
4.90
6.31
5.0
34
5.60
7.01
5.0
40
6.65
8.06
5.0
42
7.00
8.41
5.0
46
7.70
9.11
5.0
54
9.10
10.51
5.0
Unit: mm
Part Number
WP21-P***VA1
SJ Drawing
SJ114695
Note 1) Dimension 2.8 ± 0.02 is recommended in case repair is needed.
Note 2) Four corners are hold-downs. (Cannot be used for electrical connection.)
ex. Connector with 42 (x) pos. will have 46 (x+4) pos. of SMT terminals.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com