Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WP21 Datasheet(PDF) 4 Page - Japan Aviation Electronics Industry, Ltd.

Part # WP21
Description  0.35mm Pitch, Stacking Type Board-to-Board (FPC) Connector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

WP21 Datasheet(HTML) 4 Page - Japan Aviation Electronics Industry, Ltd.

  WP21 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. WP21 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. WP21 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. WP21 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. WP21 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MB-0288-1
JAE PMK Div. Proprietary. Copyright © 2015, Japan Aviation Electronics Industry, Ltd.
4/5
WP21 Receptacle
        DIMENSIONS
              寸法
NUMBER
OF CONTACT
芯数
AB
C
D
10
2.10
3.90
2.31
1.0
20
3.15
5.65
4.06
2.0
22
3.50
6.00
4.41
2.0
24
3.85
6.35
4.76
2.0
30
4.90
7.40
5.81
5.0
34
5.60
8.10
6.51
5.0
40
6.65
9.15
7.56
5.0
42
7.00
9.50
7.91
5.0
46
7.70
10.20
8.61
5.0
54
9.10
11.60
10.01
5.0
Unit: mm
Part Number
WP21-S***VA1
SJ Drawing
SJ114693
Note 1) Dimension 2.8 ± 0.02 is recommended in case repair is needed.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com