Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM1P104FJ Datasheet(PDF) 13 Page - Rohm

Part # BM1P104FJ
Description  PWM Control IC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM1P104FJ Datasheet(HTML) 13 Page - Rohm

Back Button BM1P104FJ Datasheet HTML 9Page - Rohm BM1P104FJ Datasheet HTML 10Page - Rohm BM1P104FJ Datasheet HTML 11Page - Rohm BM1P104FJ Datasheet HTML 12Page - Rohm BM1P104FJ Datasheet HTML 13Page - Rohm BM1P104FJ Datasheet HTML 14Page - Rohm BM1P104FJ Datasheet HTML 15Page - Rohm BM1P104FJ Datasheet HTML 16Page - Rohm BM1P104FJ Datasheet HTML 17Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
13/27
Datasheet
Datasheet
BM1P105FJ
TSZ02201-0F2F0A200170-1-2
2.Oct.2013.Rev.001
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
E:
Since the switching frequency within the IC is predetermined, SET signal output from the internal oscillator occurs
for a set period starting from point A, and the MOSFET is turned on.
(5-2) Frequency operations
Figure 17. PWM Operations in IC
The PWM frequency is generated by the OSC block (internal oscillator) in Figure 17.
This oscillator has a switching frequency hopping function and the switching frequency fluctuates such as is shown in
Figure 18.
The fluctuation cycle is 125 Hz. Due to this frequency hopping function, the frequency spectrum is dispersed and the
frequency spectrum peak is lowered. This increases the margin for EMI testing.
100
Switching Frequency
[kHz]
106
125 Hz(8ms)
Time
94
500us
Figure 18. Frequency Hopping Function
In Figure 18, the duty is calculated as Ton * Switching frequency * 100. The maximum duty value is Dmax (typ = 75%).
Since the PWM current mode method is being used, if the duty exceeds 50% sub harmonic oscillation may occur. 22
mV/us slope compensation is built in as a countermeasure to this.
To reduce power consumption when there is a light load, a burst mode circuit and frequency reduction circuit are built in.
These operations are illustrated in Figure19. As shown in this figure, frequency fluctuates according to the FB voltage.
If the FB voltage is in the range shown for mode2, switching loss is reduced by reducing internal oscillations based on the
FB voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com