Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM1P104FJ Datasheet(PDF) 13 Page - Rohm

Part # BM1P104FJ
Description  PWM Control IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM1P104FJ Datasheet(HTML) 13 Page - Rohm

Back Button BM1P104FJ Datasheet HTML 9Page - Rohm BM1P104FJ Datasheet HTML 10Page - Rohm BM1P104FJ Datasheet HTML 11Page - Rohm BM1P104FJ Datasheet HTML 12Page - Rohm BM1P104FJ Datasheet HTML 13Page - Rohm BM1P104FJ Datasheet HTML 14Page - Rohm BM1P104FJ Datasheet HTML 15Page - Rohm BM1P104FJ Datasheet HTML 16Page - Rohm BM1P104FJ Datasheet HTML 17Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
13/26
Datasheet
Datasheet
BM1P107FJ
TSZ02201-0F2F0A200170-1-2
2.Oct.2013.Rev.001
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
Figure 17. Operation with FB pin voltage
・mode1: Burst operation
・mode2: Frequency reduction operation (reduces maximum frequency.)
・mode3: Fixed frequency operation (operates at maximum frequency.)
・mode4: Overload operation (overload status is detected and pulse operation is stopped.)
(4-3) Overcurrent detection operation
RFB (30 k
Ω.typ) is used as pull-up resistance for the FB pin with regard to the internal power supply (4.0 V).
When the load of the secondary output voltage (secondary load power) changes, the photo-coupler current changes, and
so the FB pin voltage also changes.
FB voltage VFB is determined by the equation FB voltage = 4 V - IFB. (IFB: photo coupler current)
For example, when the load becomes heavier, the FB current is reduced, so the FB voltage rises.
When the load becomes lighter, the FB current is increased, so the FB voltage drops.
In this way, secondary voltage is monitored by the FB pin.
As the FB pin voltage is monitored, if the load becomes lighter (if FB voltage drops), a burst mode operation or frequency
reduction operation is executed.
Figure 18 shows the CS detection voltage with regard to FB voltage.
Figure 18
FB Voltage and CS Voltage Characteristics
When FB voltage is less than 2.0 V or when the CS voltage exceeds the FB voltage / Gain (typ = 4), the MOSFET is
turned off.
(See time point C in Figure 14.)
When the FB voltage exceeds 2.0 V, the CS voltage = Vcs + Kcs * Ton. Kcs * Ton depends on AC voltage compensation.
(See 4-4.)
Therefore, peak current Ip is determined as Ip = Vcs1 / Rs.
The current value for the MOSFET should be set with a margin with regard to the Ip value obtained from this formula.
Maximum power is determined as Pmax = 1/2 x Lp x Ip
2 x Fsw. (Lp: primary inductance value, Ip: primary peak current,
Fsw: switching frequency)
Vcs1 is determined as Vcs1 = Vcs (typ = 0.4 V) + Kcs (typ = 20) * Ton + Vdelay.
Vdelay is the amount of CS voltage increase during the delay time Rondelay between B and C in Figure 14.
This is calculated as Vdelay = Vin / Lp * Tondelay * Rs.
⊿CS/⊿FB Gain : 1/4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com