Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM1P104FJ Datasheet(PDF) 21 Page - Rohm

Part # BM1P104FJ
Description  PWM Control IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM1P104FJ Datasheet(HTML) 21 Page - Rohm

Back Button BM1P104FJ Datasheet HTML 17Page - Rohm BM1P104FJ Datasheet HTML 18Page - Rohm BM1P104FJ Datasheet HTML 19Page - Rohm BM1P104FJ Datasheet HTML 20Page - Rohm BM1P104FJ Datasheet HTML 21Page - Rohm BM1P104FJ Datasheet HTML 22Page - Rohm BM1P104FJ Datasheet HTML 23Page - Rohm BM1P104FJ Datasheet HTML 24Page - Rohm BM1P104FJ Datasheet HTML 25Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
21/26
Datasheet
Datasheet
BM1P107FJ
TSZ02201-0F2F0A200170-1-2
2.Oct.2013.Rev.001
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
● Thermal loss
In the thermal design, set operations for the following conditions.
(The temperature shown below is the guaranteed temperature, so be sure that a margin is taken into account.)
1. Ambient temperature Ta must be 85°C or less.
2. IC loss must be within the allowable dissipation Pd.
The thermal abatement characteristics are follows. (PCB: 70 mm x 70 mm x 1.6 mm, when mounted on glass epoxy
substrate)
図-19
SOP8 熱軽減特性
Figure 30. Thermal Abatement Characteristics
0
100
200
300
400
500
600
700
800
900
1000
0
25
50
75
100
125
150
Ta[℃]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com