Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC620HEOA Datasheet(PDF) 3 Page - Microchip Technology

Part # TC620HEOA
Description  5V, Dual Trip Point Temperature Sensors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC620HEOA Datasheet(HTML) 3 Page - Microchip Technology

  TC620HEOA Datasheet HTML 1Page - Microchip Technology TC620HEOA Datasheet HTML 2Page - Microchip Technology TC620HEOA Datasheet HTML 3Page - Microchip Technology TC620HEOA Datasheet HTML 4Page - Microchip Technology TC620HEOA Datasheet HTML 5Page - Microchip Technology TC620HEOA Datasheet HTML 6Page - Microchip Technology TC620HEOA Datasheet HTML 7Page - Microchip Technology TC620HEOA Datasheet HTML 8Page - Microchip Technology TC620HEOA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
 2001-2015 Microchip Technology Inc.
DS20001439E-page 3
TC620/TC621
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Supply Voltage ....................................................... 20V
Input Voltage Any Input .. (GND – 0.3V) to (VDD +0.3V)
Package Power Dissipation (TA  70°C)
PDIP ............................................. 730 mW
SOIC ............................................. 470 mW
Derating Factors:
Plastic .......................................... 8 mW/°C
Operating Temperature:
V Version ......................... -40°C to +125°C
E Version ........................... -40°C to +85°C
C Version .............................. 0°C to +70°C
Storage Temperature ......................... -65°C to +150°C
*Stresses above those listed under “Absolute Maxi-
mum Ratings” may cause permanent damage to the
device. These are stress ratings only and functional
operation of the device at these or any other conditions
above those indicated in the operation sections of the
specifications is not implied. Exposure to Absolute
Maximum Rating conditions for extended periods may
affect device reliability.
TC620/TC621 ELECTRICAL SPECIFICATIONS
TEMPERATURE CHARACTERISTICS
Electrical Characteristics: TA = 25°C, unless otherwise specified.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Test Conditions
VDD
Supply Voltage Range
4.5
18
V
IDD
Supply Current
270
400
A5V  V
DD  18V
ROUT
Output Resistance
400
1000
W
Output High or Low, 5V
 V
DD  18V
IOUT
Output Current
1
mA
Temp. Sensed
Source/Sink
IOUT
Output Current
1
mA
Cool/Heat
Source/Sink
TERR
Absolute Accuracy
T - 3
T
T + 3
°C
T = Programmed Temperature
Electrical Specifications: Unless otherwise noted, all parameters apply with 4.5V
 V
DD  18V.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Specified Temperature Range (C)
TA
0—
+70
°C
Specified Temperature Range (E)
TA
-40
+85
°C
Specified Temperature Range (V)
TA
-40
+125
°C
Maximum Junction Temperature
TJ
+150
°C
Storage Temperature Range
TA
-65
+150
°C
Package Thermal Resistances
Thermal Resistance, 8L-PDIP
JA
—125
°C/W
Thermal Resistance, 8L-SOIC
JA
—155
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com