Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC620HEOA Datasheet(PDF) 2 Page - Microchip Technology

Part # TC620HEOA
Description  5V, Dual Trip Point Temperature Sensors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC620HEOA Datasheet(HTML) 2 Page - Microchip Technology

  TC620HEOA Datasheet HTML 1Page - Microchip Technology TC620HEOA Datasheet HTML 2Page - Microchip Technology TC620HEOA Datasheet HTML 3Page - Microchip Technology TC620HEOA Datasheet HTML 4Page - Microchip Technology TC620HEOA Datasheet HTML 5Page - Microchip Technology TC620HEOA Datasheet HTML 6Page - Microchip Technology TC620HEOA Datasheet HTML 7Page - Microchip Technology TC620HEOA Datasheet HTML 8Page - Microchip Technology TC620HEOA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TC620/TC621
DS20001439E-page 2
 2001-2015 Microchip Technology Inc.
Functional Block Diagrams
3
HIGH SET
2
LOW SET
5
CONTROL*
6
HIGH LIMIT
VDD
7
LOW LIMIT
8
4
*Suffix code "C" denotes cooling option (High true CONTROL output).
Suffix code "H" denotes heating option (Low true CONTROL output).
Q
S
R
Q
+
+
TC620
HIGH SET
LOW SET
1
THERMISTOR
CONTROL*
HIGH LIMIT
LOW LIMIT
Temp. to
Voltage
Converter
VREF
GEN
VREF
GEN
VREF
3
2
5
6
VDD
7
8
4
Q
S
R
Q
+
+
TC621
Thermistor
Interface
Circuit
VREF
GEN
VREF
GEN
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com