Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA08 Datasheet(PDF) 4 Page - Cirrus Logic

Part # PA08
Description  POWER OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA08 Datasheet(HTML) 4 Page - Cirrus Logic

  PA08 Datasheet HTML 1Page - Cirrus Logic PA08 Datasheet HTML 2Page - Cirrus Logic PA08 Datasheet HTML 3Page - Cirrus Logic PA08 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
4
OPERATING
CONSIDERATIONS
PA08 • PA08A
GENERAL
Please read Application Note 1 "General Operating Con-
siderations" which covers stability, supplies, heat sinking,
mounting, current limit, SOA interpretation, and specification
interpretation. Visit www.apexmicrotech.com for design tools
that help automate tasks such as calculations for stability, in-
ternal power dissipation, current limit and heat sink selection.
The "Application Notes" and "Technical Seminar" sections
contain a wealth of information on specific types of applications.
Package outlines, heat sinks, mounting hardware and other
accessories are located in the "Packages and Accessories"
section. Evaluation Kits are available for most Apex product
models, consult the "Evaluation Kit" section for details. For
the most current version of all Apex product data sheets, visit
www.apexmicrotech.com.
SAFE OPERATING AREA (SOA)
The output stage of most power amplifiers has two distinct
limitations:
1. The current handling capability of the transistor geometry
and the wire bonds.
2. The second breakdown effect which occurs whenever the
simultaneous collector current and collector-emitter voltage
exceeds specified limits.
The SOA curves combine the effect of these limits. For a
given application, the direction and magnitude of the output
current should be calculated or measured and checked against
the SOA curves. This is simple for resistive loads but more
complex for reactive and EMF generating loads. However, the
following guidelines may save extensive analytical efforts.
1. Under transient conditions, the following capacitive and
inductive loads are safe with the current limits set to the
maximum:
±V
S
C(MAX)
L(MAX)
150V
.4µF
280mH
125V
.9µF
380mH
100V
2µF
500mH
75V
10µF
1200mH
50V
100µF
13H
2. The amplifier can handle any EMF generating or reactive
load and short circuits to the supply rails or simple shorts
to common if the current limits are set as follows:
���
���
���
��
��
��
��
��
��
���
���
��� ���
���
���
���
������������������������������������������
������������
�������
����������������
��������
SHORT TO ±V
SC,
SHORT TO
±V
S
C, L, OR EMF LOAD
COMMON
150V
20mA
67mA
125V
27mA
90mA
100V
42mA
130mA
75V
67mA
200mA
50V
130mA
200mA
These simplified limits may be exceeded with further analysis
using the operating conditions for a specific application.
3. The output stage is protected against transient flyback.
However, for protection against sustained, high energy
flyback, external fast-recovery diodes should be used.
INDUCTIVE LOADS
Two external diodes as shown in Figure 1, are required
to protect these amplifiers from flyback (kickback) pulses
exceeding the supply voltages of the amplifier when driving
inductive loads. For component selection, these external diodes
must be very quick, such as ultra fast recovery diodes with no
more than 200 nanoseconds of reverse recovery time. The
diode will turn on to divert the flyback energy into the supply
rails thus protecting the output transistors from destruction due
to reverse bias.
A note of caution about the supply. The energy of the flyback
pulse must be absorbed by the power supply. As a result, a tran-
sient will be superimposed on the supply voltage, the magnitude
of the transient being a function of its transient impedance and
current sinking capability. If the supply voltage plus transient
exceeds the maximum supply rating or if the AC impedance
of the supply is unknown, it is best to clamp the output and the
supply with a zener diode to absorb the transient.
INPUT PROTECTION
The input is protected against common mode voltages up to
the supply rails and differential voltages up to ±50V. Increased
protection against differential input voltages can be obtained by
adding 2 resistors, 2 capacitors and 4 diode connected FETs
as shown in Figure 2.
CURRENT LIMITING
Proper operation requires the use of two current limit resis-
tors, connected as shown in the external connection diagram.
The minimum value for R
CL is 3.24Ω. However, for optimum
reliability it should be set as high as possible. Refer to the
“General Operating Considerations” section of the handbook
for current limit adjust details.
PROTECTION, INDUCTIVE LOAD
PROTECTION, OVERVOLTAGE
���������
�������
���
���
����������
����������
�����
�����
���
���
������
������
�
�
��
��
��
��
This data sheet has been carefully checked and is believed to be reliable, however, no responsibility is assumed for possible inaccuracies or omissions. All specifications are subject to change without notice.
PA08U REV K NOVEMBER 2004 © 2004 Apex Microtechnology Corp.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com