Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA08 Datasheet(PDF) 1 Page - Cirrus Logic

Part # PA08
Description  POWER OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA08 Datasheet(HTML) 1 Page - Cirrus Logic

  PA08 Datasheet HTML 1Page - Cirrus Logic PA08 Datasheet HTML 2Page - Cirrus Logic PA08 Datasheet HTML 3Page - Cirrus Logic PA08 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
1
FEATURES
• WIDE SUPPLY RANGE — ±15V to ±150V
• PROGRAMMABLE OUTPUT CURRENT LIMIT
• HIGH OUTPUT CURRENT — Up to ±150mA
• LOW BIAS CURRENT — FET Input
APPLICATIONS
• HIGH VOLTAGE INSTRUMENTATION
• ELECTROSTATIC TRANSDUCERS & DEFLECTION
• PROGRAMMABLE POWER SUPPLIES UP TO 290V
• ANALOG SIMULATORS
DESCRIPTION
The PA08 is a high voltage operational amplifier designed
for output voltage swings of up to ±145V with a dual (±) sup-
ply or 290V with a single supply. High accuracy is achieved
with a cascode input circuit configuration. All internal biasing
is referenced to a zener diode fed by a FET constant current
source. As a result, the PA08 features an unprecedented sup-
ply range and excellent supply rejection. The output stage is
biased-on for linear operation. Internal phase compensation
assures stability at all gain settings. The safe operating area
(SOA) can be observed with all types of loads by choosing
the appropriate current limiting resistors. For operation into
inductive loads, two external flyback pulse protection diodes
are recommended. A heatsink may be necessary to maintain
the proper case temperature under normal operating condi-
tions.
This hybrid integrated circuit utilizes beryllia (BeO) substrate,
thick film resistors, ceramic capacitors and semiconductor chips
to maximize reliability, minimize size and give top performance.
Ultrasonically bonded aluminum wires provide reliable inter-
connections at all operating temperatures. The 8-pin TO-3
package is hermetically sealed and electrically isolated. The
use of compressible thermal isolation washers and/or improper
mounting torque will void the product warranty. Please see
“General Operating Considerations”.
EQUIVALENT SCHEMATIC
TYPICAL APPLICATION
ATE PIN DRIVER
The PA08 as a pin driver is capable of supplying high test
voltages to a device under test (DUT). Due to the possibility
of short circuits to any terminal of the DUT, current limit must
be set to be safe when limiting with a supply to output volt-
age differential equal to the amplifier supply plus the largest
magnitude voltage applied to any other pin of the DUT. In
addition, flyback diodes are recommended when the output of
the amplifier exits any equipment enclosure to prevent damage
due to electrostatic discharges. Refer to Application Note 7
for details on accuracy considerations of this circuit.
EXTERNAL CONNECTIONS
���
����
���
���
����
���
���
���
�
�
��������
����
����
������
�
�
�
�
�
�
�
�
��
��
�������������������������������������������
������������
�
�������������������������
����
�����
�����
�����
���
���
�����
�����
����
����
����
������
���
�
�
�
�
�
�
��
��
��
��
��
��
��
����
����
�
���
��
��
���
���
��
��
��
���
���
�
���
��
��
��
��������������������������������������������������������������
� � � � � � � � � � � � � � �
����������������������������
������������
8-PIN TO-3
PACKAGE STYLE CE


Similar Part No. - PA08

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA08 CIRRUS-PA08 Datasheet
207Kb / 5P
Power Operational Amplifier
logo
Polymaker Industrial
PA08005 POLYMAKER-PA08005 Datasheet
142Kb / 2P
PolyWood™
Nov. 2018 Version 4.0
PA08006 POLYMAKER-PA08006 Datasheet
142Kb / 2P
PolyWood™
Nov. 2018 Version 4.0
logo
Pulse A Technitrol Comp...
PA0801 PULSE-PA0801 Datasheet
261Kb / 3P
HIGH FREQUENCY PLANAR TRANSFORMERS
PA0801NL PULSE-PA0801NL Datasheet
261Kb / 3P
HIGH FREQUENCY PLANAR TRANSFORMERS PA08XXNL Series (up to 140W)
More results

Similar Description - PA08

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM759 NSC-LM759 Datasheet
207Kb / 14P
Power Operational Amplifiers
logo
Cirrus Logic
PA02 APEX-PA02 Datasheet
262Kb / 4P
POWER OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA34 ETC-PA34 Datasheet
66Kb / 5P
POWER OPERATIONAL AMPLIFIERS
logo
Fairchild Semiconductor
UA759 FAIRCHILD-UA759 Datasheet
489Kb / 12P
POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA79 APEX-PA79 Datasheet
310Kb / 4P
POWER OPERATIONAL AMPLIFIERS
PA84 CIRRUS-PA84 Datasheet
210Kb / 5P
Power Operational Amplifiers
PA16 CIRRUS-PA16_09 Datasheet
349Kb / 7P
Power Operational Amplifiers
PA97DR_0912 CIRRUS-PA97DR_0912 Datasheet
582Kb / 6P
Power Operational Amplifiers
PA107DP CIRRUS-PA107DP_10 Datasheet
892Kb / 7P
Power Operational Amplifiers
PA162 APEX-PA162_10 Datasheet
789Kb / 6P
Power Operational Amplifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com