Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA88 Datasheet(PDF) 1 Page - Cirrus Logic

Part # PA88
Description  HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA88 Datasheet(HTML) 1 Page - Cirrus Logic

  PA88 Datasheet HTML 1Page - Cirrus Logic PA88 Datasheet HTML 2Page - Cirrus Logic PA88 Datasheet HTML 3Page - Cirrus Logic PA88 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
1
FEATURES
• HIGH VOLTAGE — 450V (±225V)
• LOW QUIESCENT CURRENT — 2mA
• HIGH OUTPUT CURRENT — 100mA
• PROGRAMMABLE CURRENT LIMIT
• LOW BIAS CURRENT — FET Input
APPLICATIONS
• PIEZOELECTRIC POSITIONING
• HIGH VOLTAGE INSTRUMENTATION
• ELECTROSTATIC TRANSDUCERS
• PROGRAMMABLE POWER SUPPLIES UP TO 440V
DESCRIPTION
The PA88 is a high voltage, low quiescent current MOS-
FET operational amplifier designed for output currents up to
100mA. Output voltages can swing up to ±215V with a dual
supply and up to +440 volts with a single supply. The safe
operating area (SOA) has no second breakdown limitations
and can be observed with all types of loads by choosing an
appropriate current limiting resistor. High accuracy is achieved
with a cascode input circuit configuration. All internal biasing is
referenced to a bootstrapped zener-MOSFET current source.
As a result, the PA88 features an unprecedented supply range
and excellent supply rejection. The MOSFET output stage is
biased on for linear operation. External compensation provides
user flexibility.
This hybrid circuit utilizes beryllia (BeO) substrates, thick
film resistors, ceramic capacitors and semiconductor chips to
maximize reliability, minimize size and give top performance.
Ultrasonically bonded aluminum wires provide reliable inter-
connections at all operating temperatures. The 8-pin TO-3
package is hermetically sealed and electrically isolated. The
use of compressible thermal isolation washers and/or improper
mounting torque will void the product warranty. Please see
“General Operating Considerations”.
EQUIVALENT SCHEMATIC
TYPICAL APPLICATION
LOW POWER, PIEZOELECTRIC POSITIONING
Piezo positioning may be applied to the focusing of
segmented mirror systems. The composite mirror may be
composed of hundreds of elements, each requiring focusing
under computer control. In such complex systems the PA88’s
advantage of low quiescent power consumption reduces
the costs of power supplies and cooling, while providing the
interface between the computer and the high voltage drive to
the piezo positioners.
EXTERNAL CONNECTIONS
�
�
����
��
�
�����������
�
��
�
��
���
�
�
�
��������
�����
�������
�������
�
�
�
�
�
�
�
�
��������
��
���
���
���
����
���
���
���
��
������������������
����
����
�
��
��
���
����
����
����
�����
����
��
����
����
����
�
�
�
��
�
����� ��
����
������������������
��������������
PATENTED
�
�
�
�
�
�
�
�
����
����
��
���
��
�
��
�
��
��
��
��
��
��
��
���
����
����
���
���
���
���
���
��
���
��
����
��������������������������������������������������������������
� � � � � � � � � � � � � � �
�����������������������������������������
������������
8-PIN TO-3
PACKAGE STYLE CE


Similar Part No. - PA88

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA88 CIRRUS-PA88 Datasheet
208Kb / 5P
High Voltage Power Operational Amplifiers
logo
Fuji Electric
PA886C02 FUJI-PA886C02 Datasheet
78Kb / 4P
SCHOTTKY BARRIER DIODE
PA886C02R FUJI-PA886C02R Datasheet
533Kb / 6P
Schottky Barrier Diode
logo
Cirrus Logic
PA88A CIRRUS-PA88A Datasheet
208Kb / 5P
High Voltage Power Operational Amplifiers
More results

Similar Description - PA88

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA81J APEX-PA81J Datasheet
260Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA94 APEX-PA94 Datasheet
224Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA93 CIRRUS-PA93 Datasheet
482Kb / 6P
High Voltage Power Operational Amplifiers
PA15FL APEX-PA15FL Datasheet
275Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA15FL CIRRUS-PA15FL Datasheet
197Kb / 5P
High Voltage Power Operational Amplifiers
PA60 CIRRUS-PA60 Datasheet
159Kb / 4P
High Voltage Power Operational Amplifiers
PA83 CIRRUS-PA83 Datasheet
205Kb / 5P
High Voltage Power Operational Amplifiers
PA94 CIRRUS-PA94_09 Datasheet
208Kb / 6P
High Voltage Power Operational Amplifiers
logo
List of Unclassifed Man...
PA92 ETC2-PA92_17 Datasheet
554Kb / 1P
High Voltage Power Operational Amplifiers
PA95 ETC2-PA95_17 Datasheet
621Kb / 6P
High Voltage Power Operational Amplifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com