Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9552PW Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA9552PW
Description  16-bit I2C LED driver with programmable blink rates
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9552PW Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA9552PW Datasheet HTML 1Page - NXP Semiconductors PCA9552PW Datasheet HTML 2Page - NXP Semiconductors PCA9552PW Datasheet HTML 3Page - NXP Semiconductors PCA9552PW Datasheet HTML 4Page - NXP Semiconductors PCA9552PW Datasheet HTML 5Page - NXP Semiconductors PCA9552PW Datasheet HTML 6Page - NXP Semiconductors PCA9552PW Datasheet HTML 7Page - NXP Semiconductors PCA9552PW Datasheet HTML 8Page - NXP Semiconductors PCA9552PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Philips Semiconductors
Product data sheet
PCA9552
16-bit I2C LED driver with programmable blink rates
2004 Oct 01
5
DEVICE ADDRESSING
Following a START condition the bus master must output the
address of the slave it is accessing. The address of the PCA9552 is
shown in Figure 4. To conserve power, no internal pull-up resistors
are incorporated on the hardware selectable address pins and they
must be pulled HIGH or LOW.
1
1
0
0
A2
A1
A0
SLAVE ADDRESS
su01420
FIXED
HARDWARE SELECTABLE
R/W
Figure 4. Slave address
The last bit of the address byte defines the operation to be
performed. When set to logic 1 a read is selected, while a logic 0
selects a write operation.
CONTROL REGISTER
Following the successful acknowledgement of the slave address,
the bus master will send a byte to the PCA9552 which will be stored
in the Control Register. This register can be read and written via the
I2C-bus.
0
0
AI
B2
B1
B0
0
SW00898
B3
AUTO-INCREMENT FLAG
REGISTER ADDRESS
RESET STATE: 00h
Figure 5. Control register
The lowest 3 bits are used as a pointer to determine which register
will be accessed.
If the auto-increment flag (AI) is set, the four low order bits of the
Control Register are automatically incremented after a read or write.
This allows the user to program the registers sequentially. The
contents of these bits will rollover to ‘0000’ after the last register is
accessed.
When auto-increment flag is set (AI = 1) and a read sequence is
initiated, the sequence must start by reading a register different from
‘0’ (B3 B2 B1 B0
0 0 0 0 0).
Only the 4 least significant bits are affected by the AI flag.
Unused bits must be programmed with zeroes.
Control Register definition
B3
B2
B1
B0
REGISTER
NAME
TYPE
REGISTER
FUNCTION
0
0
0
0
INPUT0
READ
INPUT
REGISTER 0
0
0
0
1
INPUT1
READ
INPUT
REGISTER 1
0
0
1
0
PSC0
READ/
WRITE
FREQUENCY
PRESCALER 0
0
0
1
1
PWM0
READ/
WRITE
PWM
REGISTER 0
0
1
0
0
PSC1
READ/
WRITE
FREQUENCY
PRESCALER 1
0
1
0
1
PWM1
READ/
WRITE
PWM
REGISTER 1
0
1
1
0
LS0
READ/
WRITE
LED 0–3
SELECTOR
0
1
1
1
LS1
READ/
WRITE
LED 4–7
SELECTOR
1
0
0
0
LS2
READ/
WRITE
LED 8–11
SELECTOR
1
0
0
1
LS3
READ/
WRITE
LED 12–15
SELECTOR
REGISTER DESCRIPTION
INPUT0 — INPUT REGISTER 0
LED
7
LED
6
LED
5
LED
4
LED
3
LED
2
LED
1
LED
0
bit
7
6
5
4
3
2
1
0
default
X
X
X
X
X
X
X
X
The INPUT register 0 reflects the state of the device pins (inputs 0
to 7). Writes to this register will be acknowledged but will have no
effect.
NOTE: The default value “X” is determined by the externally applied
logic level, normally ‘1’ when used for directly driving LED with
pull-up to VDD.
INPUT1 — INPUT REGISTER 1
LED
15
LED
14
LED
13
LED
12
LED
11
LED
10
LED
9
LED
8
bit
7
6
5
4
3
2
1
0
default
X
X
X
X
X
X
X
X
The INPUT register 1 reflects the state of the device pins (inputs 8
to 15). Writes to this register will be acknowledged but will have no
effect.
NOTE: The default value “X” is determined by the externally applied
logic level, normally ‘1’ when used for directly driving LED with
pull-up to VDD.
PSC0 — FREQUENCY PRESCALER 0
bit
7
6
5
4
3
2
1
0
default
1
1
1
1
1
1
1
1
PSC0 is used to program the period of the PWM output.
The period of BLINK0
+
(PSC0
) 1)
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com