Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9552PW Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCA9552PW
Description  16-bit I2C LED driver with programmable blink rates
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9552PW Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCA9552PW Datasheet HTML 12Page - NXP Semiconductors PCA9552PW Datasheet HTML 13Page - NXP Semiconductors PCA9552PW Datasheet HTML 14Page - NXP Semiconductors PCA9552PW Datasheet HTML 15Page - NXP Semiconductors PCA9552PW Datasheet HTML 16Page - NXP Semiconductors PCA9552PW Datasheet HTML 17Page - NXP Semiconductors PCA9552PW Datasheet HTML 18Page - NXP Semiconductors PCA9552PW Datasheet HTML 19Page - NXP Semiconductors PCA9552PW Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Philips Semiconductors
Product data sheet
PCA9552
16-bit I2C LED driver with programmable blink rates
2004 Oct 01
16
PULSE
GENERATOR
VI
VO
CL
50 pF
VDD
DEFINITIONS
RL = Load resistor FOR LEDN. RL FOR SDA AND SCL > 1 kΩ
(3 mA or less current).
CL = Load capacitance includes jig and probe capacitance
RT = Termination resistance should be equal to the output
impedance ZO of the pulse generators.
VDD
RT
Open
D.U.T.
RL = 500 Ω
SW02334
Figure 21. Test circuitry for switching times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com