Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2913 Datasheet(PDF) 6 Page - Linear Integrated Systems

Part # LTC2913
Description  Surge Stopper
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC2913 Datasheet(HTML) 6 Page - Linear Integrated Systems

Back Button LTC2913 Datasheet HTML 2Page - Linear Integrated Systems LTC2913 Datasheet HTML 3Page - Linear Integrated Systems LTC2913 Datasheet HTML 4Page - Linear Integrated Systems LTC2913 Datasheet HTML 5Page - Linear Integrated Systems LTC2913 Datasheet HTML 6Page - Linear Integrated Systems LTC2913 Datasheet HTML 7Page - Linear Integrated Systems LTC2913 Datasheet HTML 8Page - Linear Integrated Systems LTC2913 Datasheet HTML 9Page - Linear Integrated Systems LTC2913 Datasheet HTML 10Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
LT4356-1/LT4356-2
6
4356fa
SHDN Current vs Temperature
GATE Pull-Up Current vs VCC
GATE Pull-Up Current vs
Temperature
GATE Pull-Down Current vs
Temperature
GATE Pull-Down Current vs
Temperature
ΔVGATE vs IGATE
TEMPERATURE (°C)
–50
0
1
2
3
0
50
100
125
4356 G04
4
6
5
–25
25
75
VSHDN = 0V
VCC (V)
0
0
10
20
30
5
15
25
35
20
40
60
80
4356 G05
40
10
30
50
70
TEMPERATURE (°C)
–50
0
5
10
15
20
0
50
100
125
4356 G06
25
35
30
–25
25
75
VGATE = VOUT = 12V
TEMPERATURE (°C)
–50
100
120
140
160
0
50
100
125
4356 G07
180
220
200
–25
25
75
OVERVOLTAGE CONDITION
VFB = 1.5V
TEMPERATURE (°C)
–50
0
2
4
6
0
50
100
125
4356 G08
8
12
10
–25
25
75
OVERCURRENT CONDITION
ΔVSNS = 120mV
IGATE (μA)
0
0
4
2
6
8
10
4
8
12
16
4356 G09
12
14
2
6
10
14
VOUT = 12V
TYPICAL PERFORMANCE CHARACTERISTICS
Specifications are at VCC = 12V, TA = 25°C unless otherwise noted.
ΔVGATE vs Temperature
ΔVGATE vs VCC
Overvoltage TMR Current vs
(VCC – VOUT)
TEMPERATURE (°C)
–50
0
50
100
125
–25
25
75
0
4
2
6
8
10
4356 G10
12
14
IGATE = –1μA
VCC = 8V
VCC = 4V
VCC (V)
0
20406080
4356 G11
10
30
50
70
0
4
2
6
8
10
12
16
14
IGATE = –1μA
VOUT = VCC
TA = –45°C
TA = 25°C
TA = 130°C
VCC – VOUT (V)
0
0
8
16
24
32
20
40
60
80
4356 G12
40
48
10
30
50
70
OVERVOLTAGE CONDITION
VOUT = 5V
VTMR = 1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com