Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2913 Datasheet(PDF) 14 Page - Linear Integrated Systems

Part # LTC2913
Description  Surge Stopper
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC2913 Datasheet(HTML) 14 Page - Linear Integrated Systems

Back Button LTC2913 Datasheet HTML 10Page - Linear Integrated Systems LTC2913 Datasheet HTML 11Page - Linear Integrated Systems LTC2913 Datasheet HTML 12Page - Linear Integrated Systems LTC2913 Datasheet HTML 13Page - Linear Integrated Systems LTC2913 Datasheet HTML 14Page - Linear Integrated Systems LTC2913 Datasheet HTML 15Page - Linear Integrated Systems LTC2913 Datasheet HTML 16Page - Linear Integrated Systems LTC2913 Datasheet HTML 17Page - Linear Integrated Systems LTC2913 Datasheet HTML 18Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
LT4356-1/LT4356-2
14
4356fa
APPLICATIONS INFORMATION
MOSFET stress is the result of power dissipated within
the device. For long duration surges of 100ms or more,
stress is increasingly dominated by heat transfer; this is
a matter of device packaging and mounting, and heatsink
thermal mass. This is analyzed by simulation, using the
MOSFET thermal model.
For short duration transients of less than 100ms, MOSFET
survival is increasingly a matter of safe operating area
(SOA), an intrinsic property of the MOSFET. SOA quanti-
fies the time required at any given condition of VDS and
ID to raise the junction temperature of the MOSFET to its
rated maximum. MOSFET SOA is expressed in units of
watt-squared-seconds (P2t). This figure is essentially con-
stant for intervals of less than 100ms for any given device
type, and rises to infinity under DC operating conditions.
Destruction mechanisms other than bulk die temperature
distort the lines of an accurately drawn SOA graph so that
P2t is not the same for all combinations of ID and VDS.
In particular P2t tends to degrade as VDS approaches the
maximum rating, rendering some devices useless for
absorbing energy above a certain voltage.
Calculating Transient Stress
To select a MOSFET suitable for any given application, the
SOA stress must be calculated for each input transient
which shall not interrupt operation. It is then a simple matter
to chose a device which has adequate SOA to survive the
maximum calculated stress. P2t for a prototypical transient
waveform is calculated as follows (Figure 4).
Let
a = VREG – VIN
b = VPK – VIN
(VIN = Nominal Input Voltage)
Then
P2t = ILOAD
2 1
3
tr
b
− a
(
)3
b
+
1
2
τ 2a2 ln
b
a
+ 3a2 + b2 − 4ab
⎛
⎝⎜
⎞
⎠⎟
⎡
⎣
⎢
⎢
⎤
⎦
⎥
⎥
Typically VREG ≈ VIN and τ >> tr simplifying the above to
P2t =
1
2
ILOAD
2 V
PK –VREG
()2 τ (W2s)
For the transient conditions of VPK = 80V, VIN = 12V, VREG
= 16V, tr = 10μs and τ = 1ms, and a load current of 3A, P2t
is 18.4W2s—easily handled by a MOSFET in a D-pak pack-
age. The P2t of other transient waveshapes is evaluated by
integrating the square of MOSFET power versus time.
Calculating Short-Circuit Stress
SOA stress must also be calculated for short-circuit condi-
tions. Short-circuit P2t is given by:
P2t = (VIN • ΔVSNS/RSNS)2 • tTMR
(W2s)
where,
ΔVSNS is the SENSE pin threshold, and tTMR is the
overcurrent timer interval.
For VIN = 14.7V, VSNS = 50mV, RSNS = 12mΩ and CTMR
= 100nF, P2t is 6.6W2s—less than the transient SOA
calculated in the previous example. Nevertheless, to
account for circuit tolerances this figure should be doubled
to 13.2W2s.
Limiting Inrush Current and GATE Pin Compensation
The LT4356 limits the inrush current to any load capacitance
by controlling the GATE pin voltage slew rate. An external
capacitor can be connected from GATE to ground to slow
down the inrush current further at the expense of slower
turn-off time. The gate capacitor is set at:
C1 =
I
I
GATE(UP)
INRUSH
•CL
Figure 4. Safe Operating Area Required to Survive Prototypical
Transient Waveform
VPK
VIN
4356 F04
VREG
tr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com