Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS441RG Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BTS441RG
Description  Smart Power High-Side-Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS441RG Datasheet(HTML) 3 Page - Infineon Technologies AG

  BTS441RG Datasheet HTML 1Page - Infineon Technologies AG BTS441RG Datasheet HTML 2Page - Infineon Technologies AG BTS441RG Datasheet HTML 3Page - Infineon Technologies AG BTS441RG Datasheet HTML 4Page - Infineon Technologies AG BTS441RG Datasheet HTML 5Page - Infineon Technologies AG BTS441RG Datasheet HTML 6Page - Infineon Technologies AG BTS441RG Datasheet HTML 7Page - Infineon Technologies AG BTS441RG Datasheet HTML 8Page - Infineon Technologies AG BTS441RG Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
BTS441RG
Overview
Data sheet
3
Rev. 1.21, 2012-12-06
Diagnostic Function
•
Diagnostic feedback with open drain output
•
Open load detection in OFF-state
•
Feedback of thermal shutdown in ON-state
Product Information
Product Summary
Maximum on-state resistance at
T
j = 150 °C
R
DS(ON)
20 mΩ
Operating voltage
V
SOP
4.75 V … 41 V
Nominal load current
I
L (nom)
21 A
Current limitation
I
L(lim)
65 A
Device Name
Status
Package
Pins
ECO status
BTS441RG
Active
PG-TO263-5
5
Green
BTS441RG
Discontinued
P-TO263-5
5
Gray
BTS441RS
Discontinued
P-TO220-5
5
Gray
BTS441RS
Discontinued
PG-TO220-5
5
Green



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com